전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8643ACPZ-REEL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD8643ACPZ-REEL7
상세설명  Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8643ACPZ-REEL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD8643ACPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8643ACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8643ACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8643ACPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8643ACPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8643ACPZ-REEL7 Datasheet HTML 11Page - Analog Devices AD8643ACPZ-REEL7 Datasheet HTML 12Page - Analog Devices AD8643ACPZ-REEL7 Datasheet HTML 13Page - Analog Devices AD8643ACPZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AD8641/AD8642/AD8643
Data Sheet
Rev. F | Page 10 of 15
–60
–40
–20
0
20
40
60
80
100
120
140
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = 5V
+PSRR
–PSRR
Figure 31. PSRR vs. Frequency
0.01
0.1
1
10
100
1000
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
G = +100
G = +10
G = +1
VSY = ±13V
Figure 32. Output Impedance vs. Frequency
0.01
0.1
1
10
100
1000
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
G = +100
G = +10
G = +1
VSY = 5V
Figure 33. Output Impedance vs. Frequency
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–5
–4
–3
–2
–1
0
1
2
3
4
5
VCM (V)
CH1 10.0V
CH2 10.0V
M400
µs
A CH1
1.00V
1
T
0.00000s
2
VIN
VOUT
T
VSY = ±13V
Figure 34. No Phase Reversal
–15
–10
–5
0
5
10
15
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
SETTLING TIME (
µs)
VS = ±13V
GAIN = +5
TS – (0.1%)
TS – (1%)
TS + (0.1%)
TS + (1%)
Figure 35. Output Swing and Error vs. Settling Time
0
10
20
30
40
50
60
70
CAPACITANCE (pF)
1
100
10
1000
OS+
OS–
VS = ±13V
RL = 10k
VIN = 100mV p-p
AV = +1
Figure 36. Small Signal Overshoot vs. Load Capacitance


유사한 부품 번호 - AD8643ACPZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8643ACPZ-REEL7 AD-AD8643ACPZ-REEL7 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8643ACPZ-REEL7 AD-AD8643ACPZ-REEL7 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
More results

유사한 설명 - AD8643ACPZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8641 AD-AD8641 Datasheet
327Kb / 12P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. 0
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
Texas Instruments
OPA145 TI1-OPA145 Datasheet
1Mb / 40P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V03 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI1-OPA145_V01 Datasheet
2Mb / 43P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V02 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
logo
Analog Devices
AD8641 AD-AD8641_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8642 AD-AD8642_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8643 AD-AD8643_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com