전자부품 데이터시트 검색엔진 |
|
Si7020-A20-IMR 데이터시트(PDF) 1 Page - Silicon Laboratories |
|
Si7020-A20-IMR 데이터시트(HTML) 1 Page - Silicon Laboratories |
1 / 2 page Bulletin #1506261 _____________________________________________________________________________________________________ W7206F2 Silicon Labs Bulletin rev L The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 3 User Registration Register today to create your account on Silabs.com. Your personalized profile allows you to receive technical document updates, new product announcements, “how-to” and design documents, product change notices (PCN) and other valuable content available only to registered users. http://www.silabs.com/profile Bulletin Date: 6/26/2015 Bulletin Effective Date: 6/26/2015 Title: Si7006/7/13/20/21 Datasheet Improvements Originator: Bill Simcoe Phone: +1-512-532-5810 Dept: APS Marketing Customer Contact: Kathy Haggar Phone: +1-512-532-5261 Dept: Sales Bulletin Details Description: The specification for humidity accuracy of Si7006-A10, Si7006-A20, Si7007-A10 and Si7007-A20 was tightened to +/-5%RH maximum from 0% to 90%RH. The following datasheet typographical errors were corrected: - A typographical error was corrected in the table for I2C bit descriptions for READ and WRITE. (Si7006/13/20/21-A20) - A typographical error was corrected in the diagram for the I2C sequence to perform a measurement and read back result (no hold master mode). (Si7006/13/20/21-A10 and Si7006/13/20/21-A20) - A typographical error was corrected in Table 3, Footnote 2 to indicate the clock stretching is <50μs. (Si7006/13/20/21-A10 and Si7006/13/20/21-A20) - A typographical error was corrected for the humidity sensor accuracy in Table 4 for the Si7020-A20 datasheet. Reason: Tighten specifications for humidity accuracy of Si7006 and Si7007. Correct datasheet typographical errors. Product Identification: Si7006-A20-IM Si7006-A20-IMR Si7006-A20-IM1 Si7006-A20-IM1R Si7007-A20-IM Si7007-A20-IMR Si7007-A20-IM1 Si7007-A20-IM1R Si7013-A20-GM Si7013-A20-GMR Si7013-A20-GM1 Si7013-A20-GM1R Si7013-A20-IM Si7013-A20-IMR Si7013-A20-IM1 Si7013-A20-IM1R Si7020-A20-GM Si7020-A20-GMR Si7020-A20-GM1 Si7020-A20-GM1R Si7020-A20-IM Si7020-A20-IMR |
유사한 부품 번호 - Si7020-A20-IMR |
|
유사한 설명 - Si7020-A20-IMR |