전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC62WV1024STCG70 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 STC62WV1024STCG70
상세설명  VERY LOW POWER VOLTAGE CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

STC62WV1024STCG70 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button STC62WV1024STCG70 Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV1024STCG70 Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV1024STCG70 Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV1024STCG70 Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV1024STCG70 Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV1024STCG70 Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV1024STCG70 Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV1024STCG70 Datasheet HTML 9Page - List of Unclassifed Manufacturers STC62WV1024STCG70 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STC62WV1024
Revision 2.1
Jan.
2004
7
STC
STC62WV1024
NOTES:
1. WE must be high during address transitions.
2. The internal write time of the memory is defined by the overlap of CE1 and CE2 active and WE low.
All signals must be active to initiate a write and any one signal can terminate a write by going
inactive. The data input setup and hold timing should be referenced to the second transition edge
of the signal that terminates the write.
3. TWR is measured from the earlier of CE1 or WE going high or CE2 going low at the end of write
cycle.
4. During this period, DQ pins are in the output state so that the input signals of opposite phase to the
outputs must not be applied.
5. If the CE1 low transition or the CE2 high transition occurs simultaneously with the WE low
transitions or after the WE transition, output remain in a high impedance state.
6. OE is continuously low (OE = VIL
).
7. DOUT is the same phase of write data of this write cycle.
8. DOUT is the read data of next address.
9. If CE1 is low and CE2 is high during this period, DQ pins are in the output state. Then the data input
signals of opposite phase to the outputs must not be applied to them.
10. The parameter is guaranteed but not 100% tested.
11. TCW is measured from the later of CE1 going low or CE2 going high to the end of write.
WRITE CYCLE2 (1,6)
t WC
t CW
(11)
(11)
t CW
(2)
t WP
t AW
t WHZ
(4,10)
t AS
t WR2
(3)
t DH
t DW
D
IN
D
OUT
WE
CE2
CE1
ADDRESS
(5)
(5)
t OW
(7)
(8)
(8,9)


유사한 부품 번호 - STC62WV1024STCG70

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STC62WV12816 ETC1-STC62WV12816 Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816AC ETC1-STC62WV12816AC Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816AI ETC1-STC62WV12816AI Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816DC ETC1-STC62WV12816DC Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816DI ETC1-STC62WV12816DI Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
More results

유사한 설명 - STC62WV1024STCG70

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STC62WV256 ETC-STC62WV256 Datasheet
385Kb / 10P
   VERY LOW POWER/VOLTAGE CMOS SRAM
BS62LV8007 ETC-BS62LV8007 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1012 BSI-BS616LV1012 Datasheet
260Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
List of Unclassifed Man...
STC62WV5128 ETC-STC62WV5128 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
STC62WV51216 ETC-STC62WV51216 Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS628512 WINGS-WS628512 Datasheet
392Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
Brilliance Semiconducto...
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com