전자부품 데이터시트 검색엔진 |
|
TPA6111A2DGN 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
TPA6111A2DGN 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 21 page www.ti.com RECOMMENDED OPERATING CONDITIONS DC ELECTRICAL CHARACTERISTICS AC OPERATING CHARACTERISTICS DC ELECTRICAL CHARACTERISTICS TPA6111A2 SLOS313B – DECEMBER 2000 – REVISED JUNE 2004 MIN MAX UNIT VDD Supply voltage 2.5 5.5 V TA Operating free-air temperature –40 85 °C VIH High-level input voltage (SHUTDOWN) 60% x VDD V VIL Low-level input voltage (SHUTDOWN) 25% x VDD V at V DD = 3.3 V, TA = 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VOO Output offset voltage 10 mV PSRR Power supply rejection ratio VDD = 3.2 V to 3.4 V 70 dB IDD Supply current SHUTDOWN (pin 5) = 0 V 1.5 3 mA IDD(SD) Supply current in shutdown mode SHUTDOWN (pin 5) = VDD 1 10 µA Zi Input impedance > 1 M Ω V DD = 3.3 V, TA = 25°C, RL = 16 Ω PARAMETER TEST CONDITIONS MIN TYP MAX UNIT PO Output power (each channel) THD ≤ 0.1%, f = 1 kHz 60 mW THD+N Total harmonic distortion + noise PO = 40 mW, 20 Hz – 20 kHz 0.4% BOM Maximum output power BW G = 20 dB, THD < 5% > 20 kHz Phase margin Open loop 96 ° Supply ripple rejection f = 1 kHz, C(BYP) = 0.47 µF 71 dB Channel/channel output separation f = 1 kHz, PO = 40 mW 89 dB SNR Signal-to-noise ratio PO = 50 mW, AV = 1 100 dB Vn Noise output voltage AV = 1 11 µV(rms) at V DD = 5.5 V, TA = 25°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VOO Output offset voltage 10 mV PSRR Power supply rejection ratio VDD = 4.9 V to 5.1 V 70 dB IDD Supply current SHUTDOWN (pin 5) = 0 V 1.6 3.2 mA IDD(SD) Supply current in shutdown mode SHUTDOWN (pin 5) = VDD 1 10 µA |IIH| High-level input current (SHUTDOWN) VDD = 5.5 V, VI = VDD 1 µA |IIL| Low-level input current (SHUTDOWN) VDD = 5.5 V, VI = 0 V 1 µA Zi Input impedance > 1 M Ω 3 |
유사한 부품 번호 - TPA6111A2DGN |
|
유사한 설명 - TPA6111A2DGN |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |