전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B-10-K-A 데이터시트(PDF) 1 Page - Amphenol Corporation

부품명 B-10-K-A
상세설명  Small glass coated bead thermistors on fine diameter platinum alloy lead-wires
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

B-10-K-A 데이터시트(HTML) 1 Page - Amphenol Corporation

  B-10-K-A Datasheet HTML 1Page - Amphenol Corporation B-10-K-A Datasheet HTML 2Page - Amphenol Corporation B-10-K-A Datasheet HTML 3Page - Amphenol Corporation B-10-K-A Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Glass Coated Bead
Thermistors
NTC Type B Series
Type B05/07/10/14
Small glass coated bead thermistors on fine diameter
platinum alloy lead-wires.
• Extremely small sizes
• Very fast thermal response times
• Low heat capacity and high power sensitivity
• Special thin glass coatings provide hermetic seal
• Suitable for self-heated applications such as: gas
chromatography, thermal conductivity analysis or gas
flow measurement
• Normal operating/storage temperatures range from
• -112°F (-80°C) to: 221°F (105°C) for Material system
E0, 392°F (200°C) for Material systems A1 through A4,
572°F (300°C) for Material systems A5 through D17
• Unaffected by severe environmental exposures,
including nuclear radiation
• Intermittent operation to 1112°F (600°C) is permissible,
however, stability will be degraded
Type B35/43
Large glass coated bead thermistors on fine diameter
platinum alloy lead-wires.
• Suitable for most low cost temperature measurement,
control or compensation applications.
• Special thin glass coatings provide hermetic seal
• Suitable for self-heated applications such as liquid level
sensing or gas flow measurement
• Normal operating/storage temperatures range from
• -112°F (-80°C) to: 221°F (105°C) for Material system
E0, 392°F (200°C) for Material systems A1 through A4,
572°F (300°C) for Material systems A5 through D17
• Unaffected by severe environmental exposures,
including nuclear radiation
• Intermittent operation to 1112°F (600°C) is permissible,
however, stability will be degraded
Amphenol
Advanced Sensors
Features


유사한 부품 번호 - B-10-K-A

제조업체부품명데이터시트상세설명
logo
IRC - a TT electronics ...
B-10 IRCTT-B-10 Datasheet
158Kb / 3P
   Beryllia Core, Silicone Coated Power Resistors MIL-R-26 (RW) & Commercial Industrial Styles
logo
NEC
B-10 NEC-B-10 Datasheet
2Mb / 45P
   DC Line Fileters
logo
Kemet Corporation
B-10 KEMET-B-10 Datasheet
62Kb / 1P
   KEMET, BEAD W, DC Line Filters, Normal Mode
logo
Molex Electronics Ltd.
B-101-12HDT MOLEX4-B-101-12HDT Datasheet
121Kb / 3P
   Krimptite??Ring Tongue Terminal for 14-16 Heavy Duty AWG Wire
logo
List of Unclassifed Man...
B-1020E ETC-B-1020E Datasheet
80Kb / 1P
   LIGHT BAR
More results

유사한 설명 - B-10-K-A

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
BR11 AMPHENOL-BR11 Datasheet
428Kb / 4P
   Small glass encapsulated bead thermistors on fine diameter alloy lead-wires
logo
Innovative Sensor Techn...
P10K.520.6W.B.010.D IST-P10K.520.6W.B.010.D Datasheet
382Kb / 2P
   Platinum sensor with wires on thin substrate For high temperatures
logo
Vishay Siliconix
232263323102 VISHAY-232263323102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232263303102 VISHAY-232263303102 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232262623102 VISHAY-232262623102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232262613102 VISHAY-232262613102 Datasheet
68Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
logo
Fair-Rite Products Corp...
2773002111 FAIR-RITE-2773002111 Datasheet
519Kb / 5P
   73 BEAD ON LEAD
2773003112 FAIR-RITE-2773003112 Datasheet
551Kb / 5P
   73 BEAD ON LEAD
2773005112 FAIR-RITE-2773005112 Datasheet
552Kb / 5P
   73 BEAD ON LEAD
2761008112 FAIR-RITE-2761008112 Datasheet
618Kb / 5P
   61 BEAD ON LEAD
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com