전자부품 데이터시트 검색엔진 |
|
STEVAL-ISA180V1 데이터시트(PDF) 1 Page - STMicroelectronics |
|
STEVAL-ISA180V1 데이터시트(HTML) 1 Page - STMicroelectronics |
1 / 4 page July 2016 DocID029568 Rev 1 1/4 For further information contact your local STMicroelectronics sales office www.st.com STEVAL-ISA180V1 12 V - 0.6 A flyback isolated converter using VIPer™ Plus – VIPer0P Data brief Features Universal AC main input voltage range: 85 to 265 VAC Output range: 12 V - 0.6 A Rated output power: 7.2 W Input power in standby @ 230 VAC: less than 18 mW Active mode efficiency: > 80% EMI: according to EN55022-Class-B RoHS compliant Description The STEVAL-ISA180V1 evaluation board implements a wide mains range flyback isolated converter (12 V - 0.6 A), developed for general purpose applications. This high-voltage converter intelligently integrates an 800 V rugged power MOSFET with PWM current-mode control. The core of the application is the new VIPer0P off-line high voltage converter from VIPerPlus family with zero power features. The evaluation board features a small size and minimal BOM, high efficiency, low standby consumption and high reliability due to these protections: pulse skip mode to avoid flux- runaway, delayed overload protection (OLP), max duty cycle counter, VCC clamp and thermal shutdown. |
유사한 부품 번호 - STEVAL-ISA180V1 |
|
유사한 설명 - STEVAL-ISA180V1 |