전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744786156A 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744786156A
상세설명  WE-MK Multilayer Ceramic SMD Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744786156A 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744786156A Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744786156A Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744786156A Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744786156A Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744786156A Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2.1
2.0
1.0
REV
2015-06-03
2014-04-14
2010-02-22
DATE
SSt
SSt
ES
BY
HBH
HBH
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-MK Multilayer Ceramic SMD Inductor
Order.- No.
744786156A
SIZE
A4
Size: 0603A
A Dimensions: [mm]
B Recommended land pattern: [mm]
D Electrical Properties:
Properties
Inductance
Q-factor
DC Resistance
Rated current
Self resonant frequency
Test conditions
100 MHz
100 MHz
@ 20°C
∆T = 20 K
L
Q
RDC
IR
fres
Value
56
12
0.75
300
1100
Unit
nH
Ω
mA
MHz
Tol.
± 5%
min.
max.
max.
min.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +105°C (refering to IR)
•Operating temperature: -55°C to +125°C
•Storage temperature (on tape & reel): -20°C to +60°C; 30 to 70% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 744786156A

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74478611 WURTH-74478611 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
2.1 2015-06-03
744786110A WURTH-744786110A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744786112A WURTH-744786112A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744786115A WURTH-744786115A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744786118A WURTH-744786118A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
More results

유사한 설명 - 744786156A

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744784039A WURTH-744784039A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744784133A WURTH-744784133A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744784139A WURTH-744784139A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744786056A WURTH-744786056A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
74478215 WURTH-74478215 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
74478222 WURTH-74478222 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
74478227 WURTH-74478227 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744782039 WURTH-744782039 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744782015 WURTH-744782015 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744786182A WURTH-744786182A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744784127A WURTH-744784127A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com