전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD6685 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FDD6685
상세설명  30V P-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6685 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FDD6685 Datasheet HTML 1Page - Fairchild Semiconductor FDD6685 Datasheet HTML 2Page - Fairchild Semiconductor FDD6685 Datasheet HTML 3Page - Fairchild Semiconductor FDD6685 Datasheet HTML 4Page - Fairchild Semiconductor FDD6685 Datasheet HTML 5Page - Fairchild Semiconductor FDD6685 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDD6685 Rev D (W)
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
FDD6685
FDD6685
13”
12mm
2500 units
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max
Units
Drain-Source Avalanche Ratings (Note 4)
EAS
Single Pulse Drain-Source
Avalanche Energy
ID = –11 A
42
mJ
IAS
Maximum Drain-Source
Avalanche Current
–11
A
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = –250
µA
–30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = –250
µA, Referenced to 25°C
–24
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –24 V,
VGS = 0 V
–1
µA
IGSS
Gate–Body Leakage
VGS = ±25V,
VDS = 0 V
±100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = –250
µA
–1
–1.8
–3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = –250
µA, Referenced to 25°C
5
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –10 V,
ID = –11 A
VGS = –4.5 V,
ID = –9 A
VGS = –10 V,ID = –11 A,TJ=125
°C
14
21
20
20
30
m
ID(on)
On–State Drain Current
VGS = –10 V,
VDS = –5 V
–20
A
gFS
Forward Transconductance
VDS = –5 V,
ID = –11 A
26
S
Dynamic Characteristics
Ciss
Input Capacitance
1715
pF
Coss
Output Capacitance
440
pF
Crss
Reverse Transfer Capacitance
VDS = –15 V,
V GS = 0 V,
f = 1.0 MHz
225
pF
RG
Gate Resistance
VGS = 15 mV,
f = 1.0 MHz
3.6
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
17
31
ns
tr
Turn–On Rise Time
11
21
ns
td(off)
Turn–Off Delay Time
43
68
ns
tf
Turn–Off Fall Time
VDD = –15 V,
ID = –1 A,
VGS = –10 V,
RGEN = 6
21
34
ns
Qg
Total Gate Charge
17
24
nC
Qgs
Gate–Source Charge
9
nC
Qgd
Gate–Drain Charge
VDS = –15V,
ID = –11 A,
VGS = –5 V
4
nC
Drain–Source Diode Characteristics and Maximum Ratings
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = –3.2 A (Note 2)
–0.8
–1.2
V
Trr
Diode Reverse Recovery Time
26
ns
Qrr
Diode Reverse Recovery Charge
IF = –11 A,
diF/dt = 100 A/µs
13
nC


유사한 부품 번호 - FDD6685

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
FDD6685 VBSEMI-FDD6685 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDD6685 FAIRCHILD-FDD6685_11 Datasheet
187Kb / 6P
   30V P-Channel PowerTrench횘 MOSFET
More results

유사한 설명 - FDD6685

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS9400A FAIRCHILD-FDS9400A Datasheet
165Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDT458P FAIRCHILD-FDT458P Datasheet
99Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI4435DY FAIRCHILD-SI4435DY Datasheet
93Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P Datasheet
67Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI6435DQ FAIRCHILD-SI6435DQ Datasheet
110Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P_08 Datasheet
216Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com