전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8392AAREZ 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD8392AAREZ
상세설명  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8392AAREZ 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD8392AAREZ Datasheet HTML 3Page - Analog Devices AD8392AAREZ Datasheet HTML 4Page - Analog Devices AD8392AAREZ Datasheet HTML 5Page - Analog Devices AD8392AAREZ Datasheet HTML 6Page - Analog Devices AD8392AAREZ Datasheet HTML 7Page - Analog Devices AD8392AAREZ Datasheet HTML 8Page - Analog Devices AD8392AAREZ Datasheet HTML 9Page - Analog Devices AD8392AAREZ Datasheet HTML 10Page - Analog Devices AD8392AAREZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AD8392A
Data Sheet
Rev. A | Page 6 of 12
CH1 200mV CH2 2V
400ns
2
INPUT
CHANNEL 1
OUTPUT
CHANNEL 2
Figure 10. Output Overdrive Recovery, ADSL/ADSL2+ Circuit (Figure 15),
DMT Waveform, VS = ±12 V
0
–100
100k
100M
FREQUENCY (Hz)
1M
10M
–10
–20
–30
–40
–50
–60
–70
–80
–90
DIFF CHANNEL 3, 4
DIFF CHANNEL 1, 2
Figure 11. Crosstalk vs. Frequency, Dual Differential Driver Circuit (Figure 14),
VS = ±12 V, VIN = 800 mV p-p
45
10
0100
LOAD RESISTANCE (Ω)
40
35
30
25
20
15
10
20
30
40
50
60
70
80
90
Figure 12. Differential Output Swing vs. RLOAD
Dual Differential Driver Circuit (Figure 14)
100
0.01
10k
1G
FREQUENCY (Hz)
100k
1M
10M
100M
0.1
1
10
PD (0, 0)
PD (1, 0)
PD (0, 1)
Figure 13. Output Impedance vs. Frequency
VS = ±12 V, G = +5, RF = 2 kΩ
2kΩ
2kΩ
499Ω
49.9Ω
49.9Ω
100Ω
Figure 14. Dual Differential Driver Circuit
2kΩ
2kΩ
4.99Ω
4.99Ω
1.78kΩ
1.78kΩ
634Ω
634Ω
1µF
87Ω
87Ω
77Ω
77Ω
0.01µF
0.01µF
100Ω
VCM
Figure 15. ADSL/ADSL2+ Circuit


유사한 부품 번호 - AD8392AAREZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8392AAREZ AD-AD8392AAREZ Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392AAREZ-R7 AD-AD8392AAREZ-R7 Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392AAREZ-RL AD-AD8392AAREZ-RL Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
More results

유사한 설명 - AD8392AAREZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8392A AD-AD8392A Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8394 AD-AD8394 Datasheet
66Kb / 2P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Rev. Sp0
AD8392 AD-AD8392 Datasheet
529Kb / 16P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
ADLD8403 AD-ADLD8403_16 Datasheet
438Kb / 11P
   Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
ADLD8403 AD-ADLD8403 Datasheet
365Kb / 10P
   Ultralow Power, Adaptive Linear Power,Dual-Port ADSL/ADSL2 Line Driver
logo
Intersil Corporation
EL1537B INTERSIL-EL1537B Datasheet
46Kb / 2P
   Dual Channel CO ADSL2 Line Driver
ISL1535 INTERSIL-ISL1535 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1536IRZ INTERSIL-ISL1536IRZ Datasheet
356Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
February 15, 2013
ISL1535A INTERSIL-ISL1535A Datasheet
53Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1535AIVEZ INTERSIL-ISL1535AIVEZ Datasheet
114Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
March 11, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com