전자부품 데이터시트 검색엔진 |
|
AD8619ARZ 데이터시트(PDF) 1 Page - Analog Devices |
|
AD8619ARZ 데이터시트(HTML) 1 Page - Analog Devices |
1 / 16 page Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers Data Sheet AD8613/AD8617/AD8619 Rev. H Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2005–2016 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES Offset voltage: 2.2 mV maximum Low input bias current: 1 pA maximum Single-supply operation: 1.8 V to 5.5 V Low noise: 22 nV/√Hz Micropower: 50 μA/amplifier maximum over temperature No phase reversal Unity gain stable Qualified for automotive applications APPLICATIONS Battery-powered instrumentation Multipole filters Current shunt sense Sensors ADC predrivers DAC drivers/level shifters Low power ASIC input or output amplifiers GENERAL DESCRIPTION The AD8613/AD8617/AD8619 are single, dual, and quad micro- power, rail-to-rail input and output amplifiers that feature low supply current, as well as low input voltage and current noise. The parts are fully specified to operate from 1.8 V to 5 V single supply, or ±0.9 V and ±2.5 V dual supply. The combination of low noise, very low input bias currents, and low power consumption make the AD8613/AD8617/AD8619 especially useful in portable and loop-powered instrumentation. The ability to swing rail-to-rail at both the input and output enables designers to buffer CMOS ADCs, DACs, ASICs, and other wide output swing devices in low power, single-supply systems. The AD8613 is available in a 5-lead SC70 package and a 5-lead TSOT-23 package. The AD8617 is available in 8-lead MSOP, 8-lead SOIC, and 8-lead LFCSP packages. The AD8619 is available in 14-lead TSSOP and 14-lead SOIC packages. The AD8617W is qualified for automotive applications and is available in 8-lead MSOP and 8-lead SOIC packages. The AD8619W is qualified for automotive applications and is available in 14-lead SOIC and 14-lead TSSOP packages. PIN CONFIGURATIONS Figure 1. 5-Lead SC70 and 5-Lead TSOT-23 Figure 2. 8-Lead MSOP and 8-Lead SOIC_N Figure 3. 8-Lead LFCSP Figure 4. 14-Lead TSSOP and 14-Lead SOIC 1 2 3 5 4 V+ –IN OUT V– +IN AD8613 TOP VIEW (Not to Scale) OUT A 1 –IN A 2 +IN A 3 V– 4 V+ 8 OUT B 7 –IN B 6 +IN B 5 AD8617 TOP VIEW (Not to Scale) NOTES 1. PIN 4 AND THE EXPOSED PAD MUST BE CONNECTED TO V–. 3 +IN A 4 V– 1 OUT A 2 –IN A 6 –IN B 5 +IN B 8V+ 7OUT B AD8617 TOP VIEW (Not to Scale) 1 2 3 4 5 6 7 AD8619 –IN A +IN A V+ OUT B –IN B +IN B OUT A 14 13 12 11 10 9 8 –IN D +IN D V– OUT C –IN C +IN C OUT D TOP VIEW (Not to Scale) |
유사한 부품 번호 - AD8619ARZ |
|
유사한 설명 - AD8619ARZ |