전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQA36P15 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FQA36P15
상세설명  150V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA36P15 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  FQA36P15 Datasheet HTML 1Page - Fairchild Semiconductor FQA36P15 Datasheet HTML 2Page - Fairchild Semiconductor FQA36P15 Datasheet HTML 3Page - Fairchild Semiconductor FQA36P15 Datasheet HTML 4Page - Fairchild Semiconductor FQA36P15 Datasheet HTML 5Page - Fairchild Semiconductor FQA36P15 Datasheet HTML 6Page - Fairchild Semiconductor FQA36P15 Datasheet HTML 7Page - Fairchild Semiconductor FQA36P15 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. B, December 2003
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V
DS
+
_
Driver
RG
Compliment of DUT
(N-Channel)
V
GS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
V
DD
L
I
SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
V
DD
Body Diode
Forward Voltage Drop
V
SD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
V
DS
+
_
Driver
RG
Compliment of DUT
(N-Channel)
V
GS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
V
DD
L
L
I
SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
V
DD
Body Diode
Forward Voltage Drop
V
SD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


유사한 부품 번호 - FQA36P15

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQA36P15 FAIRCHILD-FQA36P15 Datasheet
658Kb / 8P
   150V P-Channel MOSFET
FQA36P15 FAIRCHILD-FQA36P15 Datasheet
869Kb / 9P
   150V P-Channel MOSFET
logo
Inchange Semiconductor ...
FQA36P15 ISC-FQA36P15 Datasheet
363Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA36P15 FAIRCHILD-FQA36P15_07 Datasheet
869Kb / 9P
   150V P-Channel MOSFET
FQA36P15_F109 FAIRCHILD-FQA36P15_F109 Datasheet
869Kb / 9P
   150V P-Channel MOSFET
More results

유사한 설명 - FQA36P15

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQA36P15 FAIRCHILD-FQA36P15_07 Datasheet
869Kb / 9P
   150V P-Channel MOSFET
FQA36P15 FAIRCHILD-FQA36P15 Datasheet
658Kb / 8P
   150V P-Channel MOSFET
logo
TECH PUBLIC Electronics...
SI2325DS TECHPUBLIC-SI2325DS Datasheet
1Mb / 3P
   -150V,P-Channel Power Trench MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW2P15MI YFWDIODE-YFW2P15MI Datasheet
2Mb / 5P
   -150V P-CHANNEL ENHANCEMENT MODE MOSFET
Re v:2021Y1
YFW7P15AMJ YFWDIODE-YFW7P15AMJ Datasheet
5Mb / 6P
   -150V P-CHANNEL ENHANCEMENT MODE MOSFET
Re v:2021Y1
YFW7P15AD YFWDIODE-YFW7P15AD Datasheet
2Mb / 5P
   -150V P-CHANNEL ENHANCEMENT MODE MOSFET
Re v:2021Y1
logo
TECH PUBLIC Electronics...
FDN86265P-TP TECHPUBLIC-FDN86265P-TP Datasheet
1Mb / 3P
   -150V,P-Channel Power Trench MOSFET
logo
First Silicon Co., Ltd
FTK02P15S FS-FTK02P15S Datasheet
689Kb / 5P
   -150V P-Channel MOSFETs
logo
Intersil Corporation
RFP10P15 INTERSIL-RFP10P15 Datasheet
305Kb / 5P
   -10A, -150V, 0.500 Ohm, P-Channel Power MOSFET
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com