전자부품 데이터시트 검색엔진 |
|
TC322600RBXNBXXZC-PF 데이터시트(PDF) 1 Page - Advanced Crystal Technology |
|
TC322600RBXNBXXZC-PF 데이터시트(HTML) 1 Page - Advanced Crystal Technology |
1 / 3 page (V)TCSW32 Series Parameters Specification Remarks Frequency range F_nom 8.192MHz ~ 40.0MHz Supply voltage Vcc 1.8V, 2.5V,3.3V, 5.0V Initial frequency tolerance F_tol <±1.0ppm At +25°C±2°C Frequency stability vs Temperature F_stb ±0.5ppm ~ ±3.0ppm Table 1 vs Load F_load ±0.2ppm max. ±10% load condition change vs Voltage F_Vcc ±0.2ppm max. ±5% input voltage change vs Aging F_age ±1.0ppm/year max. At +25°C vs Reflow ±1.0ppm/year max. 1 reflow and measured after 24hrs Operating temperature range (°C) Topr 0°C ~ +50°C to ‐40°C ~ +85°C Table 1 Storage temperature (°C) Tstg ‐55°C ~ +125°C Output wave form Clipped sine wave Output voltage level 0.8V p‐p (min.) Output Load 10KΩ//10pF Output format Require external DC block capacitor. Current consumption Icc 10.0~15MHz: 1.5mA, 15.01~26.0MHz: 2.0mA 26.01~40.0MHz: 2.5mA Start‐up time T_str 2.0m sec (typ.), 5.0m sec. (Max.) Reach 90% amplitude at +25°C±2°C VC‐TCXO option only Control voltage Vc 1.8V : 0.9V ± 0.6V ; 2.5V : 1.4V ± 1.0V 3.0V : 1.5V ± 1.0V ; 5.0V : 1.5V ± 1.0V Frequency tuning (ppm) ±5.0ppm Linearity/Slope polarity ±10.0% max/Positive slope Positive voltage for positive frequency shift Input impedance 1.0MΩ min Modulation bandwidth 3.0kHz min Note: The device is ESD sensitive and moisture sensitive level (MSL) ‐ 1 Table 1 Frequency stability vs Temperature Temp. (°C) Stability in ppm ±0.5 ±1.0 ±1.5 ±2.0 ±2.5 ±3.0 0°C to 50°C √ √ √√√√ ‐10°C to 60°C Enq. √ √√√√ ‐20°C to 70°C X √ √√√√ ‐30°C to 75°C X √ √√√√ ‐30°C to 85°C X √ √√√√ ‐40°C to 85°C XEnq. √√√√ Phase noise (13.0MHz example) dBc/Hz typical 10Hz ‐80 100Hz ‐115 1kHz ‐135 10kHz ‐148 100kHz ‐148 Pad 1 : Control voltage (VCTCXO). No connection(TCXO) Pad 2 : Ground Pad 3 : Output Pad 4 : Supply voltage Advanced Crystal Technology (A wholly owned Acal BFi Company) Tel: +44 (0) 118 978 8878 Email info@actcrystals.com / www.actcrystals.com ISO9001 Registered Specifications subject to change without notification TCXO/VC‐TCXO, 3.2 x 2.5mm, Clipped sine wave Dimensions(Unit:mm) From ±0.5ppm stability over 0°C to 50°C 3.2 0.70 1.50 2.40 1.00 1 2 3 4 1 2 3 4 Land pattern 1.00 mm Bottom view Top view 1 2 34 |
유사한 부품 번호 - TC322600RBXNBXXZC-PF |
|
유사한 설명 - TC322600RBXNBXXZC-PF |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |