전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A-1077B 데이터시트(PDF) 3 Page - TE Connectivity Ltd

부품명 A-1077B
상세설명  HARTMAN Power Switching DC Contactors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

A-1077B 데이터시트(HTML) 3 Page - TE Connectivity Ltd

  A-1077B Datasheet HTML 1Page - TE Connectivity Ltd A-1077B Datasheet HTML 2Page - TE Connectivity Ltd A-1077B Datasheet HTML 3Page - TE Connectivity Ltd A-1077B Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6–82
HARTMAN Power Switching DC Contactors
For factory-direct application
assistance, phone 419-521-9500 or
fax 419-526-2749.
A1077 Series, Rated up to 200 Amps, 28 Vdc (Continued)
HARTMAN
Construction
Mounting
Coil
Circuit
TE
Part Number
Type
Style
Type
Config.
Part Number
A-1077D
Gasket Sealed
A
Intermittent
1
1616055-2
A-1077F
Gasket Sealed
B
Continuous
1
1616055-4
A-1077G
Gasket Sealed
C
Continuous
2
1616055-5
A-1077V
Gasket Sealed
D
Continuous
1
1616055-6
A-1077W
Gasket Sealed
E
Continuous
3
1616081-4
Circuit Configuration 1
Circuit Configuration 2
Circuit Configurations (Consult factory for other available circuit configurations)
Circuit Configuration 3
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.


유사한 부품 번호 - A-1077B

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
A-1077B MACOM-A-1077B Datasheet
82Kb / 1P
   HARTMAN Aerospace Power Products SPDT, 230 Amps, 28 VDC
More results

유사한 설명 - A-1077B

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
A-703 TEC-A-703 Datasheet
1Mb / 5P
   HARTMAN Power Switching DC Contactors
A-770 TEC-A-770 Datasheet
2Mb / 5P
   HARTMAN Power Switching DC Contactors
D-32A TEC-D-32A Datasheet
490Kb / 1P
   HARTMAN Power Switching DC Contactors
B-138 TEC-B-138 Datasheet
697Kb / 2P
   HARTMAN Power Switching AC Contactors
logo
List of Unclassifed Man...
124-105111 ETC2-124-105111 Datasheet
242Kb / 1P
   DC POWER CONTACTORS
logo
Tyco Electronics
N-208 MACOM-N-208 Datasheet
45Kb / 1P
   HARTMAN Aerospace Power Products
logo
Zhejiang DongYa Electro...
BZJ-100D DONGYA-BZJ-100D Datasheet
240Kb / 1P
   NC DC Contactors
logo
Tyco Electronics
Q-50B MACOM-Q-50B Datasheet
90Kb / 1P
   HARTMAN Aerospace Power Products
SD167A MACOM-SD167A Datasheet
34Kb / 1P
   HARTMAN Aerospace Power Products
A-751YC MACOM-A-751YC Datasheet
54Kb / 1P
   HARTMAN Aerospace Power Products
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com