전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS-BGA324J-02 데이터시트(PDF) 5 Page - Ironwood Electronics.

부품명 SS-BGA324J-02
상세설명  Minimum real estate required
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA324J-02 데이터시트(HTML) 5 Page - Ironwood Electronics.

  SS-BGA324J-02 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA324J-02 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA324J-02 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA324J-02 Datasheet HTML 4Page - Ironwood Electronics. SS-BGA324J-02 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
All Tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
Status: Released
Drawing: H. Hansen
Scale: 1.25:1
Rev: A
Date: 5/26/05
Modified:
File: SS-BGA324J-02 Dwg
SS-BGA324J-02 Drawing
© 2005 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
PAGE 5 of 5
39.00mm [1.535"]
9.11mm [0.359"]
13.72mm [0.540"]
22.00mm [0.866"]
8.50mm [0.335"]
30.09mm [1.185"]
Pin A1 mark
Top View of Socket Base


유사한 부품 번호 - SS-BGA324J-02

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SS-BGA324J-01 IRONWOOD-SS-BGA324J-01 Datasheet
241Kb / 4P
   Minimum real estate required
More results

유사한 설명 - SS-BGA324J-02

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SS-BGA352B-01 IRONWOOD-SS-BGA352B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA560A-01 IRONWOOD-SS-BGA560A-01 Datasheet
179Kb / 4P
   Minimum real estate required
SS-BGA272A-01 IRONWOOD-SS-BGA272A-01 Datasheet
114Kb / 4P
   Minimum real estate required
SS-BGA352A-01 IRONWOOD-SS-BGA352A-01 Datasheet
192Kb / 5P
   Minimum real estate required
CG-BGA-4020 IRONWOOD-CG-BGA-4020 Datasheet
387Kb / 4P
   Minimum real estate required
CBT-BGA-7002 IRONWOOD-CBT-BGA-7002 Datasheet
206Kb / 7P
   Minimum real estate required
SS-BGA256B-01 IRONWOOD-SS-BGA256B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA256E-01 IRONWOOD-SS-BGA256E-01 Datasheet
130Kb / 5P
   Minimum real estate required
SS-BGA324E-01 IRONWOOD-SS-BGA324E-01 Datasheet
121Kb / 4P
   Minimum real estate required
SS-BGA324G-01 IRONWOOD-SS-BGA324G-01 Datasheet
116Kb / 4P
   Minimum real estate required
SS-BGA104A-01 IRONWOOD-SS-BGA104A-01 Datasheet
156Kb / 4P
   Minimum real estate required
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com