전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8091AR 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD8091AR
상세설명  Low Cost, High Speed Rail-to-Rail Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8091AR 데이터시트(HTML) 1 Page - Analog Devices

  AD8091AR Datasheet HTML 1Page - Analog Devices AD8091AR Datasheet HTML 2Page - Analog Devices AD8091AR Datasheet HTML 3Page - Analog Devices AD8091AR Datasheet HTML 4Page - Analog Devices AD8091AR Datasheet HTML 5Page - Analog Devices AD8091AR Datasheet HTML 6Page - Analog Devices AD8091AR Datasheet HTML 7Page - Analog Devices AD8091AR Datasheet HTML 8Page - Analog Devices AD8091AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Cost, High Speed
Rail-to-Rail Amplifiers
AD8091/AD8092
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Low cost single (AD8091) and dual (AD8092) amplifiers
Fully specified at +3 V, +5 V, and ±5 V supplies
Single-supply operation
Output swings to within 25 mV of either rail
High speed and fast settling on 5 V
110 MHz, −3 dB bandwidth (G = +1)
145 V/μs slew rate
50 ns settling time to 0.1%
Good video specifications (G = +2)
Gain flatness of 0.1 dB to 20 MHz; RL = 150 Ω
0.03% differential gain error; RL = 1 kΩ
0.03%differential phase error; RL = 1 kΩ
Low distortion
−80 dBc total harmonic @ 1 MHz; RL = 100 Ω
Outstanding load drive capability
Drives 45 mA, 0.5 V from supply rails
Drives 50 pF capacitive load (G = +1)
Low power of 4.4 mA per amplifier
APPLICATIONS
Coaxial cable drivers
Active filters
Video switchers
Professional cameras
CCD imaging systems
CDs/DVDs
Clock buffers
CONNECTION DIAGRAMS
NC = NO CONNECT
AD8091
NC 1
–IN 2
+IN 3
–VS 4
NC
+VS
VOUT
NC
8
7
6
5
Figure 1. SOIC-8 (R-8)
AD8091
VOUT 1
–VS 2
+IN 3
+VS
5
–IN
4
Figure 2. SOT23-5 (RJ-5)
NC = NO CONNECT
AD8092
OUT1 1
–IN1 2
+IN1 3
–VS 4
+VS
OUT
–IN2
+IN2
8
7
6
5
Figure 3. MSOP-8 and SOIC-8 (RM-8, R-8)
GENERAL DESCRIPTION
The AD8091 (single) and AD8092 (dual) are low cost, voltage
feedback, high speed amplifiers designed to operate on +3 V,
+5 V, or ±5 V supplies. The AD8091/AD8092 have true single-
supply capability, with an input voltage range extending 200 mV
below the negative rail and within 1 V of the positive rail.
Despite their low cost, the AD8091/AD8092 provide excellent
overall performance and versatility. The output voltage swing
extends to within 25 mV of each rail, providing the maximum
output dynamic range with excellent overdrive recovery. This
makes the AD8091/AD8092 useful for video electronics, such
as cameras, video switchers, or any high speed portable equip-
ment. Low distortion and fast settling make them ideal for
active filter applications.
The AD8091/AD8092 offer a low power supply current and can
operate on a single 3 V power supply. These features are ideally
suited for portable and battery-powered applications where size
and power are critical.
The wide bandwidth and fast slew rate make these amplifiers
useful in many general-purpose, high speed applications where
dual power supplies of up to ±6 V and single supplies from +3
V to +12 V are needed.
This low cost performance is offered in an 8-lead SOIC
(AD8091/AD8092), a tiny SOT23-5 (AD8091), and an MSOP
(AD8092).


유사한 부품 번호 - AD8091AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8091AR AD-AD8091AR Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8091AR AD-AD8091AR Datasheet
488Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
AD8091AR AD-AD8091AR Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8091AR-REEL AD-AD8091AR-REEL Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8091AR-REEL AD-AD8091AR-REEL Datasheet
488Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
More results

유사한 설명 - AD8091AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8051 AD-AD8051 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8092 AD-AD8092_15 Datasheet
548Kb / 21P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051 AD-AD8051_06 Datasheet
502Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. G
AD8091 AD-AD8091_05 Datasheet
488Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com