전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP03DA48S12 데이터시트(PDF) 4 Page - Toppower Electronic Technology Limited

부품명 TP03DA48S12
상세설명  3W Wide Range Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOPPOWER [Toppower Electronic Technology Limited]
홈페이지  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03DA48S12 데이터시트(HTML) 4 Page - Toppower Electronic Technology Limited

  TP03DA48S12 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03DA48S12 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03DA48S12 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP03DA48S12 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TP03DA Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 4 of 4
STEMPERATURE DERATING GR
RECOMMEND CIRCUIT:
Dual Output
USING ATTENTIONS
Module will cause irreversible damage when in the state of the input reverse polarity.
Module will cause irreversible damage when in the long-term overload conditions.
Module will cause irreversible damage when out of the maximum input voltage range.
+vin
-vin
Cin
+
+V0
Cout1
+
-V0
DC-DC
Cout2
COM
+
Add input capacitance Cin is helpful to improve the electromagnetic compatibility, recommend Cin use 47 uF-100uF of the electrolytic capacitors.
If the module connect to the digital circuits, please add the Cout、Cout1、Cout2.
If Cout, Cout1, Cout2 value is too high or lower ESR, it will cause the module instable,
The recommended value of Cout, Cout1, Cout2 should be 100 uF/A, the current here means the output current.


유사한 부품 번호 - TP03DA48S12

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TP03DA48S12 TOPPOWER-TP03DA48S12 Datasheet
198Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DA48S12 TOPPOWER-TP03DA48S12 Datasheet
265Kb / 4P
   3W 1.5KVDC Isolated Wide Range Input Voltage DC/DC Converters
TP03DA48S12 TOPPOWER-TP03DA48S12 Datasheet
736Kb / 4P
   3W 1.5KVDC??KVDC Isolated Wide Range Input Voltage DC/DC Converters
TP03DA48S12W TOPPOWER-TP03DA48S12W Datasheet
198Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DA48S12W TOPPOWER-TP03DA48S12W Datasheet
265Kb / 4P
   3W 1.5KVDC Isolated Wide Range Input Voltage DC/DC Converters
More results

유사한 설명 - TP03DA48S12

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TP03DA-3KVDC TOPPOWER-TP03DA-3KVDC Datasheet
198Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DB TOPPOWER-TP03DB Datasheet
200Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DA TOPPOWER-TP03DA_19 Datasheet
265Kb / 4P
   3W 1.5KVDC Isolated Wide Range Input Voltage DC/DC Converters
logo
Artesyn Technologies
BXA3 ARTESYN-BXA3 Datasheet
65Kb / 3P
   3W Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA_V01 Datasheet
736Kb / 4P
   3W 1.5KVDC??KVDC Isolated Wide Range Input Voltage DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
   Isolated 3W Wide Input DC/DC Converters
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
   Isolated 3W Wide Input DC-DC Converters
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MSIW1000 MINMAX-MSIW1000 Datasheet
231Kb / 8P
   3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com