전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP40DG12S15 데이터시트(PDF) 1 Page - Toppower Electronic Technology Limited

부품명 TP40DG12S15
상세설명  40W Wide Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOPPOWER [Toppower Electronic Technology Limited]
홈페이지  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP40DG12S15 데이터시트(HTML) 1 Page - Toppower Electronic Technology Limited

  TP40DG12S15 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP40DG12S15 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP40DG12S15 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP40DG12S15 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP40DG Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page1 / 4
DESCRIPTION
The rated output power of TP40DG converters is 40W,the outline dimensions is "50.8*50.8*11.2",
2:1 input voltage range ,the voltage range is 9V-18V,18V-36V,36V-72V.The accuracy of the
converter can reach ±1%,it can be widely used in telecommunications,railway transportation,
instrument and etc.
40W Wide Input Voltage DC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified
FEATURES
40W output power
2:1 input voltage range
Input under voltage protection
50.8mm*50.8mm*11.2mm standard package
Fixed switching frequency
Over output voltage protection
Long term short-circuit protection
Operating temperature: -25℃to 55℃
RoHs compliance
Super capability with capacitive load
/
/
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency(Typ.)
%
voltage
(VDC)
Voltage
(VDC)
Current
(A)
Rated
Range values
TP40DG12S03
12(2:1)
9-18
3.3
8
85
TP40DG12S05
12(2:1)
9-18
5
8
83
TP40DG12S12
12(2:1)
9-18
12
3.33
86
TP40DG12S15
12(2:1)
9-18
15
2.67
86
TP40DG12S24
12(2:1)
9-18
24
1.67
85
TP40DG12D05
12(2:1)
9-18
±5
±4
83
TP40DG12D12
12(2:1)
9-18
±12
±1.67
86
TP40DG12D15
12(2:1)
9-18
±15
±1.33
86
TP40DG24S03
24(2:1)
18-36
3.3
8
85
TP40DG24S05
24(2:1)
18-36
5
8
84
TP40DG24S12
24(2:1)
18-36
12
3.33
87
TP40DG24S15
24(2:1)
18-36
15
2.67
87
TP40DG24S24
24(2:1)
18-36
24
1.67
86
TP40DG24D05
24(2:1)
18-36
±5
±4
83
TP40DG24D12
24(2:1)
18-36
±12
±1.67
86
TP40DG24D15
24(2:1)
18-36
±15
±1.33
86
TP40DG48S03
48(2:1)
36-72
3.3
8
85
TP40DG48S05
48(2:1)
36-72
5
8
84
TP40DG48S12
48(2:1)
36-72
12
3.33
87
TP40DG48S15
48(2:1)
36-72
15
2.67
87
TP40DG48S24
48(2:1)
36-72
24
1.67
86
TP40DG48D05
48(2:1)
36-72
±5
±4
83
TP40DG48D12
48(2:1)
36-72
±12
±1.67
86
TP40DG48D15
48(2:1)
36-72
±15
±1.33
86


유사한 부품 번호 - TP40DG12S15

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TP40DG12S15 TOPPOWER-TP40DG12S15 Datasheet
741Kb / 4P
   40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG12S15 TOPPOWER-TP40DG12S15 Datasheet
809Kb / 4P
   40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results

유사한 설명 - TP40DG12S15

제조업체부품명데이터시트상세설명
logo
Artesyn Technologies
BXA40 ARTESYN-BXA40 Datasheet
74Kb / 3P
   40W Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP40DG TOPPOWER-TP40DG_V01 Datasheet
809Kb / 4P
   40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG_19 Datasheet
741Kb / 4P
   40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP08DA TOPPOWER-TP08DA Datasheet
196Kb / 4P
   8W Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
   20W Wide Input Voltage DC/DC Converters
TP05DA-3KVDC TOPPOWER-TP05DA-3KVDC Datasheet
202Kb / 4P
   5W Wide Input Voltage DC/DC Converters
TP05DB TOPPOWER-TP05DB Datasheet
196Kb / 4P
   5W Wide Voltage Input DC/DC Converters
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
   30W Wide Voltage Input DC/DC Converters
TP06DB TOPPOWER-TP06DB Datasheet
186Kb / 4P
   6W Wide Voltage Input DC/DC Converters
TP06DA TOPPOWER-TP06DA Datasheet
201Kb / 4P
   6W Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com