전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP30DG48S05 데이터시트(PDF) 4 Page - Toppower Electronic Technology Limited

부품명 TP30DG48S05
상세설명  30W Wide Voltage Input DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOPPOWER [Toppower Electronic Technology Limited]
홈페이지  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP30DG48S05 데이터시트(HTML) 4 Page - Toppower Electronic Technology Limited

  TP30DG48S05 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP30DG48S05 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP30DG48S05 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP30DG48S05 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TP30DG Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 4 /4
STEMPERATURE DERATING GR
RECOMMEND CIRCUIT
Dual Output:
Trim application &Trim Resistance
USING ATTENTIONS
Module will cause irreversible damage when in the state of the input reverse polarity.
Module will cause irreversible damage when in the long-term overload conditions.
Module will cause irreversible damage when out of the maximum input voltage range.
+ vin
-vin
Cin
+
+ V0
Cout1
+
-V0
DC-DC
Cout2
COM
+
+Vo
Trim(Vadj)
-Vo
DC-DC
R
+Vo
Trim(Vadj)
-Vo
R
DC-DC
Add input capacitance Cin is helpful to improve the electromagnetic compatibility, recommend Cin use 47 uF-100uF of the electrolytic capacitors.
If the module connect to the digital circuits, please add the Cout、Cout1、Cout2.
If Cout, Cout1, Cout2 value is too high or lower ESR, it will cause the module instable,
The recommended value of Cout, Cout1, Cout2 should be 100 uF/A, the current here means the output current.
Raise the output Voltage
Down the output voltage
In dual and triple output modules, this application can just used in the main load(auxiliary road change together with the main load)


유사한 부품 번호 - TP30DG48S05

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TP30DC24S05 TOPPOWER-TP30DC24S05 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP30DC24S05 TOPPOWER-TP30DC24S05 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP30DC24S05WB TOPPOWER-TP30DC24S05WB Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP30DC24S12 TOPPOWER-TP30DC24S12 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP30DC24S12 TOPPOWER-TP30DC24S12 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
More results

유사한 설명 - TP30DG48S05

제조업체부품명데이터시트상세설명
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
   30W Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC_18 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC TOPPOWER-TP20DC_17 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP30AU TOPPOWER-TP30AU Datasheet
654Kb / 3P
   30W 3KVAC Isolation Wide Input AC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30_09 Datasheet
344Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
UEI30 MURATA-UEI30_11 Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-30W MURATA-MDC_UEI-30W Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
logo
Toppower Electronic Tec...
TP08DA TOPPOWER-TP08DA Datasheet
196Kb / 4P
   8W Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com