전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPH4809S 데이터시트(PDF) 1 Page - Toppower Electronic Technology Limited

부품명 TPH4809S
상세설명  2W Isolated Single & Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOPPOWER [Toppower Electronic Technology Limited]
홈페이지  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPH4809S 데이터시트(HTML) 1 Page - Toppower Electronic Technology Limited

  TPH4809S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPH4809S Datasheet HTML 2Page - Toppower Electronic Technology Limited TPH4809S Datasheet HTML 3Page - Toppower Electronic Technology Limited TPH4809S Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPH Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page1 /4
DESCRIPTION
The TPH series are miniature, isolated 2W DC/DC converters in a SIP and DIP package. They
offer the ideal solution in many space critical applications for board level power distribution. The
internal SMD construction makes it possible to offer a product with high performance at low cost.
The series offers smaller size, improved efficiency, lower output ripple noise and 3KVDC
isolation.
2W Isolated Single & Dual Output DC/DC Converters
FEATURES
RoHS compliant
Efficiency up to 86%
Power density up to 1.44W/cm
3
Operating temperature: -40ºC to 85ºC
Dual output from a single input rail
UL 94V-0 package material
Power sharing on output
3KVDC isolation
Industry standard pinout
Input voltage:5V, 12V, 24V, 48V
Output voltage: ±5V,±9V,±12V, ±15V,±24V / 5V,9V,12V,15V, 24V
/
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current
Efficiency
Package Style
V
V
mA
%
TPH0505D
5
±5
±200
80
DIP
TPH0509D
5
±9
±110
80
DIP
TPH0512D
5
±12
±84
81
DIP
TPH0515D
5
±15
±68
84
DIP
TPH0505S
5
±5
±200
80
SIP
TPH0509S
5
±9
±110
80
SIP
TPH0512S
5
±12
±84
82
SIP
TPH0515S
5
±15
±68
83
SIP
TPH1205D
12
±5
±200
80
DIP
TPH1209D
12
±9
±110
83
DIP
TPH1212D
12
±12
±84
84
DIP
TPH1215D
12
±15
±68
86
DIP
TPH1205S
12
±5
±200
80
SIP
TPH1209S
12
±9
±110
83
SIP
TPH1212S
12
±12
±84
84
SIP
TPH1215S
12
±15
±68
86
SIP
TPH2405D
24
±5
±200
80
DIP
TPH2409D
24
±9
±110
85
DIP
TPH2412D
24
±12
±84
86
DIP
TPH2415D
24
±15
±68
86
DIP
TPH2424D
24
±24
±42
85
DIP
TPH2405S
24
±5
±200
82
SIP
TPH2409S
24
±9
±110
85
SIP
TPH2412S
24
±12
±84
85
SIP
TPH2415S
24
±15
±68
85
SIP
TPH2424S
24
±24
±42
85
SIP
TPH4805D
48
±5
±200
82
DIP
TPH4809D
48
±9
±110
82
DIP
TPH4812D
48
±12
±84
85
DIP
TPH4815D
48
±15
±68
85
DIP
TPH4805S
48
±5
±200
82
SIP
TPH4809S
48
±9
±110
83
SIP
TPH4812S
48
±12
±84
85
SIP
TPH4815S
48
±15
±68
84
SIP


유사한 부품 번호 - TPH4809S

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TPH4809S TOPPOWER-TPH4809S Datasheet
651Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPH4809S TOPPOWER-TPH4809S Datasheet
732Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPH4809S-3W TOPPOWER-TPH4809S-3W Datasheet
834Kb / 4P
   3W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

유사한 설명 - TPH4809S

제조업체부품명데이터시트상세설명
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
   Isolated 2W Dual Output DC-DC Converters
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
   Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
TPL-3KVDC TOPPOWER-TPL-3KVDC Datasheet
169Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XM-2W MICRODC-B-XM-2W Datasheet
932Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH Datasheet
651Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com