부품명
         상세내용
MMA6260

 ±1.5g Dual Axis Micromachined Accelerometer ( 8 Page)


MOTOROLA
100% 
Zoom Out Zoom In
   
 6 page
background image
Sensor Device Data
6
Freescale Semiconductor
MMA6200 SERIES
Direction of Earth's gravity field.*
* When positioned as shown, the Earth's gravity will result in a positive 1g output
Top View
XOUT @ 0g = 1.65V
YOUT @ -1g = 0.85V
XOUT @ -1g = 0.85V
YOUT @ 0g = 1.65V
XOUT @ 0g = 1.65V
YOUT @ +1g = 2.45V
XOUT @ +1g = 2.45V
YOUT @ 0g = 1.65V
DYNAMIC ACCELERATION
STATIC ACCELERATION
16-Pin QFN Package
+X
-X
1
2
3
4
56
8
16 15 14 13
12
11
10
9
7
+Y
-Y
Top View
1  2  3  4  5  6  7  8 



관련 부품명

부품명상세내용Html View제조사
MMA6280Q±1.5g - 6g Dual Axis Low-g Micromachined Accelerometer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MMA6270Q±1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MMA6231Q10g Dual Axis Micromachined Accelerometer 1 2 3 4 5 MoreMotorola, Inc
MMA7260Q1.5g - 6g Three Axis Low-g Micromachined Accelerometer 1 2 3 4 5 MoreMotorola, Inc
MXA2500GImproved Ultra Low Noise ±1.7 g Dual Axis Accelerometer with Absolute Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX210QLow Cost 10g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500JUltra Low Cost ±1.0 g Dual Axis Accelerometer with Absolute Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD2020MLImproved Ultra Low Noise Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA6500GLow Cost Low Noise ±1 g Dual Axis Accelerometer with Absolute Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MMA6281QT+-2.5g - 10g Two Axis Low-g Micromachined Accelerometer 1 2 3 4 5 MoreFreescale Semiconductor, Inc

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl