전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM512-83NI 데이터시트(PDF) 2 Page - Wall Industries,Inc.

부품명 AM512-83NI
상세설명  Single Output Surface Mount Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALL [Wall Industries,Inc.]
홈페이지  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

AM512-83NI 데이터시트(HTML) 2 Page - Wall Industries,Inc.

  AM512-83NI Datasheet HTML 1Page - Wall Industries,Inc. AM512-83NI Datasheet HTML 2Page - Wall Industries,Inc. AM512-83NI Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 3
AMI Series
Single Output
Surface Mount Package
1 Watt DC/DC Converter
Rev A
MODEL SELECTION GUIDE
Model Number
Input Voltage Range
Output Voltage
Output Current
Output Power
AM3333-303NI
3.3 VDC
(2.97 – 3.63 VDC)
3.3 VDC
303mA
1W
AM3305-200NI
5 VDC
200mA
1W
AM3309-111NI
9 VDC
111mA
1W
AM3312-83NI
12 VDC
83mA
1W
AM3315-66NI
15 VDC
66mA
1W
AM533-303NI
5 VDC
(4.5 – 5.5 VDC)
3.3 VDC
303mA
1W
AM505-200NI
5 VDC
200mA
1W
AM509-111NI
9 VDC
111mA
1W
AM512-83NI
12 VDC
83mA
1W
AM515-66NI
15 VDC
66mA
1W
AM933-303NI
9 VDC
(8.1 – 9.9 VDC)
3.3 VDC
303mA
1W
AM905-200NI
5 VDC
200mA
1W
AM909-111NI
9 VDC
111mA
1W
AM912-83NI
12 VDC
83mA
1W
AM915-66NI
15 VDC
66mA
1W
AM1233-303NI
12 VDC
(10.8 – 13.2 VDC)
3.3 VDC
303mA
1W
AM1205-200NI
5 VDC
200mA
1W
AM1209-111NI
9 VDC
111mA
1W
AM1212-83NI
12 VDC
84mA
1W
AM1215-66NI
15 VDC
67mA
1W
AM1533-303NI
15 VDC
(13.5 – 16.5 VDC)
3.3 VDC
303mA
1W
AM1505-200NI
5 VDC
200mA
1W
AM1509-111NI
9 VDC
111mA
1W
AM1512-83NI
12 VDC
83mA
1W
AM1515-66NI
15 VDC
66mA
1W
TESTING 12345678910
NOTES
1. The efficiency will increase with an increase in the input voltage.
RECOMMENDED TEST CIRCUIT
Single
Vin
+Vout
GND
-Vout
Cin
Cout
3.3V:Cin 4.7uF,25V
5V :Cin
4.7uF,25V
9V :Cin
4.7uF,25V
12V:Cin 2.2uF,25V
15V:Cin 1uF,50V
3.3V :Cout 22uF,16V
5V :Cout 10uF,25V
9V :Cout 4.7uF,25V
12V:Cout 2.2uF,25V
15V:Cout 1uF,50V


유사한 부품 번호 - AM512-83NI

제조업체부품명데이터시트상세설명
logo
Wall Industries,Inc.
AM512-83NI WALL-AM512-83NI Datasheet
148Kb / 2P
   Highly suitable for high speed pick and place machine operation
AM512-83NI WALL-AM512-83NI Datasheet
142Kb / 3P
   Single Output Surface Mount Package 1 Watt DC/DC Converter
More results

유사한 설명 - AM512-83NI

제조업체부품명데이터시트상세설명
logo
Wall Industries,Inc.
AMI WALL-AMI Datasheet
142Kb / 3P
   Single Output Surface Mount Package 1 Watt DC/DC Converter
logo
Vectron International, ...
C4530 VECTRON-C4530_06 Datasheet
119Kb / 5P
   Surface Mount Package
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_14 Datasheet
99Kb / 4P
   Surface mount package
AP2422GY A-POWER-AP2422GY_14 Datasheet
121Kb / 5P
   Surface mount package
logo
KR Electronics, Inc.
2505 KR-2505 Datasheet
28Kb / 2P
   Surface Mount Package
logo
Advanced Power Electron...
AP2906EY A-POWER-AP2906EY Datasheet
73Kb / 6P
   Surface mount package
AP2302AGN-HF A-POWER-AP2302AGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP2306CGN-HF A-POWER-AP2306CGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP9938AGEY-HF A-POWER-AP9938AGEY-HF_16 Datasheet
104Kb / 5P
   Surface Mount Package
logo
M/A-COM Technology Solu...
OD-S-1249 MA-COM-OD-S-1249 Datasheet
191Kb / 1P
   Package, Surface Mount
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com