전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5443YRM 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD5443YRM
상세설명  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5443YRM 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD5443YRM Datasheet HTML 5Page - Analog Devices AD5443YRM Datasheet HTML 6Page - Analog Devices AD5443YRM Datasheet HTML 7Page - Analog Devices AD5443YRM Datasheet HTML 8Page - Analog Devices AD5443YRM Datasheet HTML 9Page - Analog Devices AD5443YRM Datasheet HTML 10Page - Analog Devices AD5443YRM Datasheet HTML 11Page - Analog Devices AD5443YRM Datasheet HTML 12Page - Analog Devices AD5443YRM Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REV. 0
AD5426/AD5432/AD5443
–9–
FREQUENCY (Hz)
3.5
0
100M
3.0
2.0
1.5
1.0
0.5
2.5
10M
1M
100k
10k
1k
100
10
1
TA = 25 C
AD5443
LOADING 010101010101
VCC = 5V
VCC = 3V
TPC 19. Supply Current vs.
Update Rate
–9.00
–6.00
–3.00
0.00
3.00
10k
100k
1M
10M
100M
FREQUENCY (Hz)
TA = 25 C
VDD = 5V
AD8038 AMPLIFIER
VREF = 2V, AD8038 CC 1.47pF
VREF = 2V, AD8038 CC 1pF
VREF = 0.15V, AD8038 CC 1pF
VREF = 0.15V, AD8038 CC 1.47pF
VREF = 3.51V, AD8038 CC 1.8pF
TPC 22. Reference Multiplying
Bandwidth vs. Frequency and
Compensation Capacitor
–120
–100
–80
–60
0
20
110
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–40
–20
TA = 25 C
VDD = 3V
AMP = AD8038
FULL SCALE
ZERO SCALE
TPC 25. Power Supply Rejection vs.
Frequency
–102
–66
–54
–42
–30
–18
–6
6
110
100
1k
10k 100k 1M 10M 100M
FREQUENCY (Hz)
TA = 25 C
LOADING
ZS TO FS
0
–60
–48
–36
–24
–12
–84
–72
–78
–90
–96
TA = 25 C
VDD = 5V
VREF =
3.5V
INPUT
CCOMP = 1.8pF
AD8038 AMPLIFIER
ALL ON
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
ALL OFF
TPC 20. Reference Multiplying
Bandwidth vs. Frequency and Code
TIME (ns)
0.060
–0.020
0.050
0.020
0.010
0.000
–0.010
0.040
0.030
300
250
200
150
100
50
0
TA = 25 C
VREF = 0V
AD8038 AMP
CCOMP = 1.8pF
AD5443
VDD 3V, 0V REF
NRG = 0.088nVs
800H TO 7FFH
VDD 5V, 0V REF
NRG = 0.119nVs,
800H TO 7FFH
VDD 3V, 0V REF
NRG = 1.877nVs
7FFH TO 800H
VDD 5V, 0V REF
NRG = 2.049nVs
7FFH TO 800H
TPC 23. Midscale Transition
VREF = 0 V
–90
–85
–80
–65
–60
110
100
1k
10k
100k
1M
FREQUENCY (Hz)
–75
–70
TA = 25 C
VDD = 3V
VREF = 3.5V p-p
TPC 26. THD and Noise vs.
Frequency
–0.8
–0.6
–0.4
–0.2
0
0.2
110
100
1k
10k 100k 1M
100M
FREQUENCY (Hz)
TA = 25 C
VDD = 5V
VREF =
3.5V
CCOMP = 1.8pF
AD8038 AMPLIFIER
10M
TPC 21. Reference Multiplying
Bandwidth—All Ones Loaded
TIME (ns)
–1.700
–1.760
300
–1.710
–1.720
–1.730
–1.740
–1.750
250
200
150
100
50
0
TA = 25 C
VREF = 3.5V
AD8038 AMP
CCOMP = 1.8pF
AD5443
VDD 3V, 3.5V REF
NRG = 0.647nVs
800H TO 7FFH
VDD 5V, 3.5V REF, NRG = 0.364nVs,
800H TO 7FFH
VDD 3V, 3.5V REF
NRG = 1.433nVs
7FFH TO 800H
VDD 5V, 3.5V REF
NRG = 1.184nVs
7FFH TO 800H
TPC 24. Midscale Transition
VREF = 3.5 V
TEMPERATURE ( C)
0.7
0
120
0.6
0.4
0.3
0.2
0.1
0.5
100
80
60
40
20
0
–20
–40
VDD = 5V
VDD = 3V
ALL 1s
ALL 0s
TPC 27. Supply Current
vs. Temperature


유사한 부품 번호 - AD5443YRM

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5443YRM AD-AD5443YRM Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443YRM-REEL AD-AD5443YRM-REEL Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443YRM-REEL7 AD-AD5443YRM-REEL7 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443YRMZ AD-AD5443YRMZ Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443YRMZ-REEL AD-AD5443YRMZ-REEL Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results

유사한 설명 - AD5443YRM

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com