전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD10M440H 데이터시트(PDF) 2 Page - Nihon Inter Electronics Corporation

부품명 PD10M440H
상세설명  MOSFET MODULE DUAL 85A 450V/500V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NIEC [Nihon Inter Electronics Corporation]
홈페이지  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD10M440H 데이터시트(HTML) 2 Page - Nihon Inter Electronics Corporation

  PD10M440H Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD10M440H Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD10M440H Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PD10M44xH
108.0


유사한 부품 번호 - PD10M440H

제조업체부품명데이터시트상세설명
logo
Nihon Inter Electronics...
PD10M440H NIEC-PD10M440H Datasheet
123Kb / 3P
   85A 450~500V
logo
Kyocera Kinseki Corpota...
PD10M440H KSS-PD10M440H Datasheet
478Kb / 3P
   MOSFET
logo
Nihon Inter Electronics...
PD10M440H NIEC-PD10M440H_1 Datasheet
123Kb / 3P
   85A 450~500V
logo
National Instruments Co...
PD10M440H NI-PD10M440H_15 Datasheet
123Kb / 3P
   85A 450節?00V
More results

유사한 설명 - PD10M440H

제조업체부품명데이터시트상세설명
logo
Nihon Inter Electronics...
PD4M440L NIEC-PD4M440L Datasheet
130Kb / 4P
   MOSFET MODULE Dual 30A 450V/500V
PD7M440H NIEC-PD7M440H Datasheet
66Kb / 3P
   MOSFET MODULE Dual 50A 450V/500V
PD10M440L NIEC-PD10M440L Datasheet
130Kb / 4P
   MOSFET MODULE Dual 70A 450V/500V
PD10M440H NIEC-PD10M440H_1 Datasheet
123Kb / 3P
   85A 450~500V
PD7M440L NIEC-PD7M440L Datasheet
128Kb / 4P
   MOSFET MODULE Dual 50A 450V/550V
PDM505HA NIEC-PDM505HA Datasheet
67Kb / 3P
   MOSFET MODULE Dual 50A/500V
PDM505HC NIEC-PDM505HC Datasheet
113Kb / 3P
   MOSFET MODULE Dual 50A/500V
PDM1405HA NIEC-PDM1405HA Datasheet
70Kb / 3P
   MOSFET MODULE Dual 140A/500V
PD4M440H NIEC-PD4M440H Datasheet
64Kb / 3P
   MOSFET MODULE Dual 30A 450/500V
logo
Fairchild Semiconductor
2N6761 FAIRCHILD-2N6761 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 4.5A, 450V/500V
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com