전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAR6304WH6327 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 BAR6304WH6327
상세설명  Silicon PIN Diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR6304WH6327 데이터시트(HTML) 1 Page - Infineon Technologies AG

  BAR6304WH6327 Datasheet HTML 1Page - Infineon Technologies AG BAR6304WH6327 Datasheet HTML 2Page - Infineon Technologies AG BAR6304WH6327 Datasheet HTML 3Page - Infineon Technologies AG BAR6304WH6327 Datasheet HTML 4Page - Infineon Technologies AG BAR6304WH6327 Datasheet HTML 5Page - Infineon Technologies AG BAR6304WH6327 Datasheet HTML 6Page - Infineon Technologies AG BAR6304WH6327 Datasheet HTML 7Page - Infineon Technologies AG BAR6304WH6327 Datasheet HTML 8Page - Infineon Technologies AG BAR6304WH6327 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2011-07-18
1
BAR63...
Silicon PIN Diodes
• PIN diode for high speed
switching of RF signals
• Very low forward resistance (low insertion loss)
• Very low capacitance (high isolation)
• For frequencies up to 3GHz
• Pb-free (RoHS compliant) package
• Qualified according AEC Q1011)
BAR63-06
BAR63-06W
BAR63-05
BAR63-05W
BAR63-02..
BAR63-03W
BAR63-04
BAR63-04W

!

,
, 
!

,
, 
!

,
, 
Type
Package
Configuration
LS(nH) Marking
BAR63-02L*
BAR63-02V
BAR63-02W
BAR63-03W
BAR63-04
BAR63-04W
BAR63-05
BAR63-05W
BAR63-06
BAR63-06W
TSLP-2-1
SC79
SCD80
SOD323
SOT23
SOT323
SOT23
SOT323
SOT23
SOT323
single, leadless
single
single
single
series
series
common cathode
common cathode
common anode
common anode
0.4
0.6
0.6
1.8
1.8
1.4
1.8
1.4
1.8
1.4
G
G
GG
white G
G4s
G4s
G5s
G5s
G6s
G6s
1*BAR63-02L is not qualified according AEC Q101


유사한 부품 번호 - BAR6304WH6327

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAR63 SIEMENS-BAR63 Datasheet
80Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz)
logo
Infineon Technologies A...
BAR63 INFINEON-BAR63 Datasheet
497Kb / 9P
   Silicon PIN Diodes
Jun-27-2003
logo
Guangdong Kexin Industr...
BAR63 KEXIN-BAR63 Datasheet
40Kb / 2P
   Silicon PIN Diode
logo
Infineon Technologies A...
BAR63-02L INFINEON-BAR63-02L Datasheet
497Kb / 9P
   Silicon PIN Diodes
Jun-27-2003
BAR63-02L INFINEON-BAR63-02L Datasheet
180Kb / 16P
   Silicon PIN Diodes
2007-04-19
More results

유사한 설명 - BAR6304WH6327

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
   Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
logo
Vishay Siliconix
BA479G VISHAY-BA479G Datasheet
36Kb / 3P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
logo
Infineon Technologies A...
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
BAR50 INFINEON-BAR50_09 Datasheet
874Kb / 12P
   Silicon PIN Diodes
2009-05-13
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
   SILICON PIN DIODES
BAR14-1 SIEMENS-BAR14-1 Datasheet
69Kb / 3P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR-63-02V-H6327 INFINEON-BAR-63-02V-H6327 Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com