전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAR8802VH6327 데이터시트(PDF) 6 Page - Infineon Technologies AG

부품명 BAR8802VH6327
상세설명  Silicon PIN Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR8802VH6327 데이터시트(HTML) 6 Page - Infineon Technologies AG

Back Button BAR8802VH6327 Datasheet HTML 2Page - Infineon Technologies AG BAR8802VH6327 Datasheet HTML 3Page - Infineon Technologies AG BAR8802VH6327 Datasheet HTML 4Page - Infineon Technologies AG BAR8802VH6327 Datasheet HTML 5Page - Infineon Technologies AG BAR8802VH6327 Datasheet HTML 6Page - Infineon Technologies AG BAR8802VH6327 Datasheet HTML 7Page - Infineon Technologies AG BAR8802VH6327 Datasheet HTML 8Page - Infineon Technologies AG BAR8802VH6327 Datasheet HTML 9Page - Infineon Technologies AG BAR8802VH6327 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2011-06-17
6
BAR88...
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAR88-02V
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
°C
tp
0
10
1
10
2
10
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Puls Load RthJS = ƒ (tp)
BAR88-02V
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
°C
tp
-1
10
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Insertion loss IL = -|S21|2 = ƒ(f)
IF = Parameter
BAR88-02LRH in series configuration, Z = 50
0
1
2
3
4
GHz
6
f
-0.4
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
dB
0
10 mA
5 mA
1 mA
0.5 mA
0.1 mA
Isolation ISO = -|S21|2 = ƒ(f)
VR = Paramter
BAR88-02LRH in series configuration, Z = 50
0
1
2
3
4
GHz
6
f
-30
-25
-20
-15
-10
dB
0
0 V
1 V
10 V


유사한 부품 번호 - BAR8802VH6327

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BAR88 INFINEON-BAR88 Datasheet
476Kb / 6P
   Silicon PIN Diode
Dec-08-2003
BAR88-02L INFINEON-BAR88-02L Datasheet
476Kb / 6P
   Silicon PIN Diode
Dec-08-2003
BAR88-02LRH INFINEON-BAR88-02LRH Datasheet
862Kb / 10P
   Silicon PIN Diode
2010-03-05
BAR88-02V INFINEON-BAR88-02V Datasheet
476Kb / 6P
   Silicon PIN Diode
Dec-08-2003
BAR88-02V INFINEON-BAR88-02V Datasheet
862Kb / 10P
   Silicon PIN Diode
2010-03-05
More results

유사한 설명 - BAR8802VH6327

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com