전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT15-02ELS 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 BAT15-02ELS
상세설명  Silicon Schottky Diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT15-02ELS 데이터시트(HTML) 4 Page - Infineon Technologies AG

  BAT15-02ELS Datasheet HTML 1Page - Infineon Technologies AG BAT15-02ELS Datasheet HTML 2Page - Infineon Technologies AG BAT15-02ELS Datasheet HTML 3Page - Infineon Technologies AG BAT15-02ELS Datasheet HTML 4Page - Infineon Technologies AG BAT15-02ELS Datasheet HTML 5Page - Infineon Technologies AG BAT15-02ELS Datasheet HTML 6Page - Infineon Technologies AG BAT15-02ELS Datasheet HTML 7Page - Infineon Technologies AG BAT15-02ELS Datasheet HTML 8Page - Infineon Technologies AG BAT15-02ELS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2015-01-27
4
BAT15...
Diode capacitance CT = ƒ (VR)
f
= 1MHz
0
0.0
EHD07082
C
T
R
V
2V
4
0.2
0.4
pF
0.5
0.1
0.3
Reverse current IR = ƒ(VR)
TA = Parameter
0
10
EHD07081
Ι
R
R
V
10
10
10
10
A
125 C
T
A =
85
25
12
3
4
V
µ
-1
0
1
2
3
C
C
Forward current IF = ƒ (VF)
TA = Parameter
0.0
10
EHD07077
BAT 15-099R
Ι
F
F
V
10
10
10
10
A
-40 ˚C
T
A =
0.5
1.0
V
m
-2
-1
0
1
2
25
85
125
˚C
˚C
˚C
Forward current IF = ƒ (TS)
BAT15-02EL
0
15
30
45
60
75
90 105 120 °C
150
TS
0
10
20
30
40
50
60
70
80
90
100
mA
120


유사한 부품 번호 - BAT15-02ELS

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BAT15-02ELS INFINEON-BAT15-02ELS Datasheet
1Mb / 16P
   Low barrier type for DBS mixer applications
BAT15-02ELS INFINEON-BAT15-02ELS Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
More results

유사한 설명 - BAT15-02ELS

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
   Silicon Schottky Diodes
Nov-15-2001
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
   SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
   SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com