전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5232 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 1N5232
상세설명  Small Signal Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5232 데이터시트(HTML) 3 Page - Vishay Siliconix

  1N5232 Datasheet HTML 1Page - Vishay Siliconix 1N5232 Datasheet HTML 2Page - Vishay Siliconix 1N5232 Datasheet HTML 3Page - Vishay Siliconix 1N5232 Datasheet HTML 4Page - Vishay Siliconix 1N5232 Datasheet HTML 5Page - Vishay Siliconix 1N5232 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1N5221 to 1N5267
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 08-Sep-14
3
Document Number: 85588
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Thermal Resistance vs. Lead Length
Fig. 2 - Typical Change of Working Voltage under Operating
Conditions at Tamb= 25 °C
Fig. 3 - Typical Change of Working Voltage vs.
Junction Temperature
Fig. 4 - Total Power Dissipation vs. Ambient Temperature
Fig. 5 - Temperature Coefficient of VZ vs. Z-Voltage
Fig. 6 - Diode Capacitance vs. Z-Voltage
95 9611
0
5
10
15
0
100
200
300
400
500
20
ll
I - Lead Length (mm)
T
L = constant
10
15
20
1
10
100
1000
VZ - Z-Voltage (V)
25
95 9598
I
Z = 5 mA
0
5
- 60
60
120
180
0.8
0.9
1.0
1.1
1.2
1.3
Tj - Junction Temperature (°C)
240
95 9599
0
V
Ztn = VZt/VZ (25 °C)
0
TKVZ = 10 x 10
-4/K
8 x 10-4/K
2 x 10-4/K
6 x 10-4/K
4 x 10-4/K
- 4 x 10-4/K
- 2 x 10-4/K
0
120
160
0
100
300
400
500
600
T
amb - Ambient Temperature (°C)
200
95 9602
200
80
40
- 5
0
5
10
15
VZ - Z-Voltage (V)
95 9600
I
Z = 5 mA
0
10
203040
50
10
15
0
50
100
150
200
VZ - Z-Voltage (V)
25
95 9601
20
T
j = 25 °C
V
R = 2 V
0
5


유사한 부품 번호 - 1N5232

제조업체부품명데이터시트상세설명
logo
Surge Components
1N5232 SURGE-1N5232 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Daya Electric Group Co....
1N5232 DAYA-1N5232 Datasheet
112Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N5232 HORNBY-1N5232 Datasheet
571Kb / 6P
   SILICON ZENER DIODES
logo
Seme LAB
1N5232 SEME-LAB-1N5232 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Jinan Jingheng (Group) ...
1N5232 JINANJINGHENG-1N5232 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

유사한 설명 - 1N5232

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com