전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5243 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 1N5243
상세설명  Small Signal Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5243 데이터시트(HTML) 2 Page - Vishay Siliconix

  1N5243 Datasheet HTML 1Page - Vishay Siliconix 1N5243 Datasheet HTML 2Page - Vishay Siliconix 1N5243 Datasheet HTML 3Page - Vishay Siliconix 1N5243 Datasheet HTML 4Page - Vishay Siliconix 1N5243 Datasheet HTML 5Page - Vishay Siliconix 1N5243 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1N5221 to 1N5267
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 08-Sep-14
2
Document Number: 85588
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Based on DC measurement at thermal equilibrium; lead length = 9.5 (3/8"); thermal resistance of heat sink = 30 K/W
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE (1)
TEST CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC RESISTANCE
f = 1 kHz
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1 (1)
ZZK at IZT2
VZ
V
mA
μA
V
%/K
NOM.
MAX.
MAX.
MAX.
TYP.
1N5221
2.4
20
0.25
100
1
30
1200
- 0.085
1N5222
2.5
20
0.25
100
1
30
1250
- 0.085
1N5223
2.7
20
0.25
75
1
30
1300
- 0.08
1N5224
2.8
20
0.25
75
1
30
1400
- 0.08
1N5225
3
20
0.25
50
1
29
1600
- 0.075
1N5226
3.3
20
0.25
25
1
28
1600
- 0.07
1N5227
3.6
20
0.25
15
1
24
1700
- 0.065
1N5228
3.9
20
0.25
10
1
23
1900
- 0.06
1N5229
4.3
20
0.25
5
1
22
2000
0.055
1N5230
4.7
20
0.25
5
2
19
1900
0.03
1N5231
5.1
20
0.25
5
2
17
1600
0.03
1N5232
5.6
20
0.25
5
3
11
1600
0.038
1N5233
6
20
0.25
5
3.5
7
1600
0.038
1N5234
6.2
20
0.25
5
4
7
1000
0.045
1N5235
6.8
20
0.25
3
5
5
750
0.05
1N5236
7.5
20
0.25
3
6
6
500
0.058
1N5237
8.2
20
0.25
3
6.5
8
500
0.062
1N5238
8.7
20
0.25
3
6.5
8
600
0.065
1N5239
9.1
20
0.25
3
7
10
600
0.068
1N5240
10
20
0.25
3
8
17
600
0.075
1N5241
11
20
0.25
2
8.4
22
600
0.076
1N5242
12
20
0.25
1
9.1
30
600
0.077
1N5243
13
9.5
0.25
0.5
9.9
13
600
0.079
1N5244
14
9
0.25
0.1
10
15
600
0.082
1N5245
15
8.5
0.25
0.1
11
16
600
0.082
1N5246
16
7.8
0.25
0.1
12
17
600
0.083
1N5247
17
7.4
0.25
0.1
13
19
600
0.084
1N5248
18
7
0.25
0.1
14
21
600
0.085
1N5249
19
6.6
0.25
0.1
14
23
600
0.086
1N5250
20
6.2
0.25
0.1
15
25
600
0.086
1N5251
22
5.6
0.25
0.1
17
29
600
0.087
1N5252
24
5.2
0.25
0.1
18
33
600
0.088
1N5253
25
5
0.25
0.1
19
35
600
0.089
1N5254
27
4.6
0.25
0.1
21
41
600
0.09
1N5255
28
4.5
0.25
0.1
21
44
600
0.091
1N5256
30
4.2
0.25
0.1
23
49
600
0.091
1N5257
33
3.8
0.25
0.1
25
58
700
0.092
1N5258
36
3.4
0.25
0.1
27
70
700
0.093
1N5259
39
3.2
0.25
0.1
30
80
800
0.094
1N5260
43
3
0.25
0.1
33
93
900
0.095
1N5261
47
2.7
0.25
0.1
36
105
1000
0.095
1N5262
51
2.5
0.25
0.1
39
125
1100
0.096
1N5263
56
2.2
0.25
0.1
43
150
1300
0.096
1N5264
60
2.1
0.25
0.1
46
170
1400
0.097
1N5265
62
2
0.25
0.1
47
185
1400
0.097
1N5266
68
1.8
0.25
0.1
52
230
1600
0.097
1N5267
75
1.7
0.25
0.1
56
270
1700
0.098


유사한 부품 번호 - 1N5243

제조업체부품명데이터시트상세설명
logo
Surge Components
1N5243 SURGE-1N5243 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Daya Electric Group Co....
1N5243 DAYA-1N5243 Datasheet
112Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N5243 HORNBY-1N5243 Datasheet
571Kb / 6P
   SILICON ZENER DIODES
logo
Seme LAB
1N5243 SEME-LAB-1N5243 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Jinan Jingheng (Group) ...
1N5243 JINANJINGHENG-1N5243 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

유사한 설명 - 1N5243

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com