전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1539 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FAN1539
상세설명  1A/1.3A, LDO With Low Quiescent Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1539 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FAN1539 Datasheet HTML 1Page - Fairchild Semiconductor FAN1539 Datasheet HTML 2Page - Fairchild Semiconductor FAN1539 Datasheet HTML 3Page - Fairchild Semiconductor FAN1539 Datasheet HTML 4Page - Fairchild Semiconductor FAN1539 Datasheet HTML 5Page - Fairchild Semiconductor FAN1539 Datasheet HTML 6Page - Fairchild Semiconductor FAN1539 Datasheet HTML 7Page - Fairchild Semiconductor FAN1539 Datasheet HTML 8Page - Fairchild Semiconductor FAN1539 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FAN1539/FAN1540
PRODUCT SPECIFICATION
4
REV. 1.0.8 3/22/04
Electrical Characteristics—FAN1539MPX, FAN1540MPX, FAN1540MMPX,
FAN1540DX
Unless otherwise specified, VIN = 4.50V to 7V, Tj = 25°C, IMAX (FAN1539) = 1.0A, IMAX (FAN1540) = 1.3A. Boldface
limits apply over operating junction temperature range of 0
TEST CONDITIONS
TEST LIMITS
Parameter
Symbol
VIN
IOUT
Min.
Typ.
Max.
Units
Output Voltage
FAN1540
VOUT
3.234 3.300 3.366
V
3.217
3.383
Line Regulation
REG(LINE)
2
15
mV
Load Regulation REG(LOAD)
4.75V
FAN1539
25
35
mV
FAN1540
30
40
Dropout Voltage
(Note 6)
VD
IOUT = IMAX
0.9
1.2
V
Current Limit
IS
5.5V
3.3
A
Min. Output
Current for
regulation
IOMIN
0
mA
Temperature
Stability
TS
IOUT = 5mA
0.3
%
RMS Output
Noise
(Note 7)
VN
IOUT = IMAX
0.003
%VOUT
Ripple Rejection
Ratio (Note 8)
RA
5V
IOUT = 10mA
65
75
dB
IOUT = 100mA
63
73
IOUT = IMAX
45
57
Transient
Response
Change of VOUT
with step load
change (Note 9)
5V
1mA to IMAX
2.0
10
(un-
der-
shoot
or
over-
shoot
of
VOUT)
%
IMAX to 1mA
Transient
Response
Change of VOUT
with application
of VIN
(Note 9)
0 to 5V Step Input
10% to 90%
5.0
10
(un-
der-
shoot
or
over-
shoot
of
VOUT)
%
°CT
J
125
°C.
≤≤
4.75V
V
IN
5.25V
≤≤
5mA
I
OUT
I
MAX
≤≤
3.0V
V
IN
5.25V
≤≤
5mA
I
OUT
I
MAX
≤≤
5mA
I
OUT
I
MAX
∆V
OUT
3%
()
∆V
OUT
∆I
OUT
-----------------
t
r
1
µS
t
f
1
µS
∆V
OUT
∆V
IN
-----------------
t
r
1
µS
1mA
I
OUT
I
MAX


유사한 부품 번호 - FAN1539

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1539 FAIRCHILD-FAN1539 Datasheet
577Kb / 15P
   1A/1.3A, LDO with Low Quiescent Current
FAN1539MPX FAIRCHILD-FAN1539MPX Datasheet
577Kb / 15P
   1A/1.3A, LDO with Low Quiescent Current
FAN1539 FAIRCHILD-FAN1539_05 Datasheet
577Kb / 15P
   1A/1.3A, LDO with Low Quiescent Current
More results

유사한 설명 - FAN1539

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1539 FAIRCHILD-FAN1539_05 Datasheet
577Kb / 15P
   1A/1.3A, LDO with Low Quiescent Current
logo
ams AG
AS1375 AMSCO-AS1375 Datasheet
853Kb / 11P
   1A Quiescent Current, 200mA LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
logo
ams AG
AS1376 AMSCO-AS1376 Datasheet
1Mb / 20P
   1A, Low Input Voltage, Low Quiescent Current LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com