전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WFU4N65S 데이터시트(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

부품명 WFU4N65S
상세설명  Super-Junction Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
홈페이지  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFU4N65S 데이터시트(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFU4N65S Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N65S Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N65S Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N65S Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N65S Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N65S Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N65S Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.winsemi.com
Tel : 0755-82506288
Fax : 0755-82506299
3/7
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WFU4N65S Product Description
650V
650V
650V
650V Super-Junction
Super-Junction
Super-Junction
Super-Junction Power
Power
Power
Power MOSFET
MOSFET
MOSFET
MOSFET
Fig.1 On-Region characteristics
Fig.2 Transfer characteristics
Fig.3 On-Resistance Variation vs Drain
Current
Fig.4 Threshold Voltage vs. Temperature
Fig.5 Breakdown Voltage vs.Temperature
Fig.6 On-Resistance vs.Temperature
Junction temperatureT
( C)
J
1 . 2
1 . 1
1
0 . 9
0 . 8
0 . 7
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
1 0 0
1 2 0 1 4 0
1 6 0
V =0V
Puls e tes t
G S
I =0.25mA
D S
Junction temperatureT
( C)
J
2 . 5
2
1 . 5
1
0 . 5
0
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
1 0 0
1 2 0
1 4 0
1 6 0
V =10V
Pu lse te st
I =2A
1 . 5
1 . 4
1 . 3
1 . 2
1 . 1
1
0 . 9
0 . 8
0 . 7
0 . 6
0
5
1 0
1 5
2 0
1 . 3
1 . 2
1 . 1
1
0 . 9
0 . 8
0 . 7
0 . 6
0 . 5
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
1 0 0
1 2 0
1 4 0
1 6 0
Junction temperatureT
( C)
J
I =0.25mA
Pulse test
D S
Drain Current I
(A)
D
8
7
6
5
4
3
2
1
0
0
4
6
1 2
1 6
C om m on Sourc e
Tc =25 C
Puls e Tes t
V
=10V
G S
V
=7V
G S
V
=6.5V
G S
V
=6V
G S
V
=5.5V
G S
Drain-source voltage V
(V)
D S
1 0
9
8
7
6
5
4
3
2
1
0
2
4
6
8
Gate-source voltage V
(V)
G S
C om m on Sourc e
Tc =25 C
V =20V
Puls e Tes t
D S


유사한 부품 번호 - WFU4N65S

제조업체부품명데이터시트상세설명
logo
Shenzhen Winsemi Microe...
WFU4N60 WINSEMI-WFU4N60 Datasheet
490Kb / 7P
   Silicon N-Channel MOSFET
logo
Wisdom technologies Int...
WFU4N60 WISDOM-WFU4N60 Datasheet
737Kb / 6P
   600V N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFU4N60 WINSEMI-WFU4N60 Datasheet
464Kb / 8P
   Silicon N-Channel MOSFET
logo
VBsemi Electronics Co.,...
WFU4N60 VBSEMI-WFU4N60 Datasheet
1Mb / 9P
   N-Channel 650V (D-S) Power MOSFET
logo
Shenzhen Winsemi Microe...
WFU4N60 WINSEMI-WFU4N60_14 Datasheet
464Kb / 8P
   Silicon N-Channel MOSFET
More results

유사한 설명 - WFU4N65S

제조업체부품명데이터시트상세설명
logo
Shenzhen Winsemi Microe...
WFU7N70S WINSEMI-WFU7N70S Datasheet
256Kb / 6P
   Super-Junction Power MOSFET
WFD4N65S WINSEMI-WFD4N65S Datasheet
172Kb / 7P
   Super-Junction Power MOSFET
WFU7N65S WINSEMI-WFU7N65S Datasheet
257Kb / 6P
   Super-Junction Power MOSFET
WFD7N65S WINSEMI-WFD7N65S Datasheet
276Kb / 6P
   650V Super-Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPA60R150C WUMC-TPA60R150C Datasheet
1Mb / 10P
   600V Super-Junction Power MOSFET
TPA60R580C WUMC-TPA60R580C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPA70R450C WUMC-TPA70R450C Datasheet
1Mb / 12P
   700V Super-Junction Power MOSFET
TPD65R380C WUMC-TPD65R380C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
TPU70R450C WUMC-TPU70R450C Datasheet
1Mb / 12P
   700V Super-Junction Power MOSFET
logo
Shenzhen Winsemi Microe...
WFF4N65S WINSEMI-WFF4N65S Datasheet
154Kb / 7P
   650V Super-Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com