전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WFU4N60 데이터시트(PDF) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

부품명 WFU4N60
상세설명  Silicon N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
홈페이지  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFU4N60 데이터시트(HTML) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFU4N60_14 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N60_14 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N60_14 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N60_14 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N60_14 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N60_14 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N60_14 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU4N60_14 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
4/8
WFU4N60 Product Description
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
WINSEMI
MICROELECTRONICS
WINSEMI
MICROELECTRONICS
WINSEMI
MICROELECTRONICS
WINSEMI
MICROELECTRONICS
WINSEMI
MICROELECTRONICS
1.Z
(t)=2.5°C/W Max.
2.Duty Factor,D=t1/t2
3.T -T =P *
θ J C
JM
C
DM
Z
(t)
θJ C
* N o te
PD M
t1
t2
1 0
- 5
1 0
- 4
1 0
- 3
1 0
- 2
1 0
- 1
1 0
0
1 0
1
1 0
0
1 0
- 2
1 0
- 1
Single pulse
Fig.7 Breakdown Voltage Variation
vs. Temperature
Fig.8 On-Resistance Variation
vs. Temperature
Fig.11 Transient thermal Response Curve
Fig.9 Maximum Safe Operation Area
Fig.10 Maximum Drain Current
vs Case temperature
V
[V ]
D S
1 0
- 2
1 0
- 1
1 0
0
1 0
1
1 0
0
1 0
1
1 0
2
1 0
3
Tc C a s e Te mp e ra tu re [
]
0
1
2
3
4
5
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
Op e ra tio n in Th is Are a
is L im ite d b y R D S(on)
1 0 0 u s
D C
1 0 0 m s
1 0 m s
1 m s
N o t e s:
1 .Tc= 2 5 °C
2 .T =150°C
J
3.Single pulse
T j[
]
- 7 5
- 5 0
- 2 5
0
2 5
5 0
1 0 0
7 5
1 2 5
1 5 0
0 . 9 0
0 . 9 5
1 . 0 0
1 . 0 5
1 . 1 0
1 . 1 5
T j[
]
- 7 5
- 5 0
- 2 5
0
2 5
5 0
1 0 0
7 5
1 2 5
1 5 0
0 . 5
1 . 0
1 . 5
2 . 0
2 . 5
3 . 0
0 . 0
Note:
1.V
=0V
2 I =250uA
G S
D
.
Note:
1.V
=0V
2 I =2.0A
G S
D
.


유사한 부품 번호 - WFU4N60_14

제조업체부품명데이터시트상세설명
logo
Shenzhen Winsemi Microe...
WFU4N60 WINSEMI-WFU4N60 Datasheet
490Kb / 7P
   Silicon N-Channel MOSFET
logo
Wisdom technologies Int...
WFU4N60 WISDOM-WFU4N60 Datasheet
737Kb / 6P
   600V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
WFU4N60 VBSEMI-WFU4N60 Datasheet
1Mb / 9P
   N-Channel 650V (D-S) Power MOSFET
More results

유사한 설명 - WFU4N60_14

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com