전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMC0J223ZFTP18 데이터시트(PDF) 2 Page - Kemet Corporation

부품명 FMC0J223ZFTP18
상세설명  Supercapacitors FM Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

FMC0J223ZFTP18 데이터시트(HTML) 2 Page - Kemet Corporation

  FMC0J223ZFTP18 Datasheet HTML 1Page - Kemet Corporation FMC0J223ZFTP18 Datasheet HTML 2Page - Kemet Corporation FMC0J223ZFTP18 Datasheet HTML 3Page - Kemet Corporation FMC0J223ZFTP18 Datasheet HTML 4Page - Kemet Corporation FMC0J223ZFTP18 Datasheet HTML 5Page - Kemet Corporation FMC0J223ZFTP18 Datasheet HTML 6Page - Kemet Corporation FMC0J223ZFTP18 Datasheet HTML 7Page - Kemet Corporation FMC0J223ZFTP18 Datasheet HTML 8Page - Kemet Corporation FMC0J223ZFTP18 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6012_FM • 10/5/2016
Supercapacitors – FM Series
Dimensions – Millimeters
D1 ±0.1
D2 ±0.1
B ±0.5
5 ±0.5
T ±0.5
Part Number
A
B
T
D
1
D
2
FM0H103ZF
11.5
10.5
5.0
0.5
0.4
FM0H223ZF
11.5
10.5
5.0
0.5
0.4
FM0H473ZF
11.5
10.5
5.0
0.5
0.4
FM0H104ZF
11.5
10.5
6.5
0.5
0.4
FM0H224ZF
11.5
10.5
6.5
0.5
0.4
FM0V473ZF
11.5
10.5
5.0
0.5
0.4
FM0V104ZF
11.5
10.5
5.0
0.5
0.4
FM0V224ZF
11.5
10.5
6.5
0.5
0.4
FM0J473ZF
11.5
10.5
6.5
0.5
0.4
FME0H223ZF
11.5
10.5
5.0
0.5
0.4
FME0H473ZF
11.5
10.5
5.0
0.5
0.4
FML0H333ZF
11.5
10.5
5.0
0.5
0.4
FMR0H473ZF
11.5
10.5
6.5
0.5
0.4
FMR0H104ZF
11.5
10.5
6.5
0.5
0.4
FMR0V104ZF
11.5
10.5
6.5
0.5
0.4
FMC0H473ZF
11.5
10.5
5.0
0.5
0.4
FMC0H104ZF
11.5
10.5
6.5
0.5
0.4
FMC0H334ZF
15.0
14.0
9.0
0.6
0.6
Lead Terminal Forming
L=2.2 to 5mm
Lead length designation
For transverse mounting <L1>
Add “L1” to the end of bulk part number for transverse mounting option


유사한 부품 번호 - FMC0J223ZFTP18

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
FMC0J223ZFTP18 KEMET-FMC0J223ZFTP18 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
More results

유사한 설명 - FMC0J223ZFTP18

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com