전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WFF7N65S 데이터시트(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

부품명 WFF7N65S
상세설명  650V Super-Junction Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
홈페이지  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFF7N65S 데이터시트(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFF7N65S Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF7N65S Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF7N65S Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF7N65S Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF7N65S Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF7N65S Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyr ight@Wins emi Mic roelectronic s Co., Ltd., All right res erved.
WF
WF
WF
WFF
F
F
F7
7
7
7N65S
N65S
N65S
N65S
WT-F044-Rev.A1 Nov.2013
650V
650V
650V
650V Super-Junction
Super-Junction
Super-Junction
Super-Junction Power
Power
Power
Power MOSFET
MOSFET
MOSFET
MOSFET
Features
Ultra low Rdson
Ultra low gate charge (typ. Q g =19nC)
100% UIS tested
RoHS compl iant
General Description
Power MOSFET is fabricated using advanced super junction
technology.
The
resulting device
has
extremely
low
on
resistance, making it especially suitable for applications which
require superior power density and outstanding efficiency.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain Source Voltage
650
V
ID
Continuous Drain Current (Tc=25℃)
(Tc=100℃)
7
A
4.4
IDM
Drain Current Pulsed 1)
21
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy 2)
230
mJ
IAR
Single Pulse Avalanche Current 1)
7
A
EAR
Repetitive Avalanche Energy 1)
0.5
mJ
PD
Total Pow er Dissipation(@Tc=25℃)
-Derate above 25℃
31
W
0.25
W/℃
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55~150
Is
Continuous diode forw ard current
7
A
Is,pulse
Diode pulse current
21
A
Notes:
1.Repetitive Rating:Pulse w idth limited by maximum Junction Temperature
2.IAS=2.5,VDD=60V,R G=25Ω ,Starting TJ=25℃
Thermal Characteristics
Symbol
Parameter
Value
Units
Min
Typ
Max
RθJC
Thermal Resistance , Junction -to -Case
-
-
4
℃/W
RθJA
Thermal Resistance , Junction -to -Ambient
-
-
80
℃/W
G
D
S


유사한 부품 번호 - WFF7N65S

제조업체부품명데이터시트상세설명
logo
Shenzhen Winsemi Microe...
WFF7N65L WINSEMI-WFF7N65L Datasheet
307Kb / 8P
   Silicon N-Channel MOSFET
More results

유사한 설명 - WFF7N65S

제조업체부품명데이터시트상세설명
logo
Shenzhen Winsemi Microe...
WFF4N65S WINSEMI-WFF4N65S Datasheet
154Kb / 7P
   650V Super-Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPA65R940C WUMC-TPA65R940C Datasheet
983Kb / 9P
   650V Super-Junction Power MOSFET
logo
Shenzhen Winsemi Microe...
WFD7N65S WINSEMI-WFD7N65S Datasheet
276Kb / 6P
   650V Super-Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPD65R380C WUMC-TPD65R380C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
TPA65R1K2C WUMC-TPA65R1K2C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
TPV65R085CFD WUMC-TPV65R085CFD Datasheet
692Kb / 8P
   650V Super-Junction Power MOSFET
TPW65R080C WUMC-TPW65R080C Datasheet
692Kb / 8P
   650V Super-Junction Power MOSFET
TPW65R085CFD WUMC-TPW65R085CFD Datasheet
692Kb / 8P
   650V Super-Junction Power MOSFET
TPA65R600C WUMC-TPA65R600C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
TPA65R160C WUMC-TPA65R160C Datasheet
1Mb / 9P
   650V Super-Junction Power MOSFET
TPD65R1K2C WUMC-TPD65R1K2C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com