전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DASUTCC500NF 데이터시트(PDF) 4 Page - Pulse A Technitrol Company

부품명 DASUTCC500NF
상세설명  UltraThin, clear radome antenna for iDAS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULSE [Pulse A Technitrol Company]
홈페이지  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DASUTCC500NF 데이터시트(HTML) 4 Page - Pulse A Technitrol Company

  DASUTCC500NF Datasheet HTML 1Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 2Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 3Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 4Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 5Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 6Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 7Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 8Page - Pulse A Technitrol Company DASUTCC500NF Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Issue:1651
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: UltraThin, clear radome
antenna for iDAS
PART NUMBER: DASUTCCxxx
Series: CLARITY
ELECTRICAL SPECIFICATIONS
4
Frequency
608-960 / 1695-2200 / 2300-2700MHz
Nominal Impedance
50
VSWR (698-960MHz)
2:1
VSWR (1695-2700MHz)
2:1
Average Peak Gain (608-960MHz)
4dBi
Average Peak Gain (1695-2200MHz)
6dBi
Average Peak Gain (2300-2700MHz)
6dBi
Efficiency (608-960MHz)
70%
Efficiency (1695-2200MHz)
65%
Efficiency (2300-2700MHz)
60%
Horizontal plane (th=45deg)
Omni
HPBW Vertical plane (608-960MHz)
100° Typ
HPBW Vertical plane (1695-2200MHz)
130° Typ
HPBW Vertical plane (2300-2700MHz)
130° Typ
Maximum power input
40W
PIM at 2x20W
<-155dBc
Connector type
N-female,
4.1-9.5 Mini-DIN female or
4.3-10 DIN female
Cable type
Dia. 0.16” low loss, Low PIM,
Plenum Rated
Cable length [Inches/mm]
19.7” / 500mm
DASUTCC500NF, DASUTCC500MD and DASUTCC5004310
i.e. antennas without reflector DASUTCCACC1


유사한 부품 번호 - DASUTCC500NF

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
DASUTCC500NF PULSE-DASUTCC500NF Datasheet
1Mb / 10P
   Ceiling-Mount Omni Antenna
DASUTCC500NF PULSE-DASUTCC500NF Datasheet
1Mb / 21P
   UltraThin, clear radome antenna for iDAS
More results

유사한 설명 - DASUTCC500NF

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
DASUTCCXXX PULSE-DASUTCCXXX Datasheet
1Mb / 21P
   UltraThin, clear radome antenna for iDAS
RO17102NM PULSE-RO17102NM Datasheet
240Kb / 3P
   Radome Omni Antenna
W5067 PULSE-W5067 Datasheet
490Kb / 7P
   Radome Omni ??Omni directional Antenna
logo
Taoglas antenna solutio...
IDAS.C.001 TAOGLAS-IDAS.C.001 Datasheet
4Mb / 24P
   iDAS MIMO LTE Ceiling Mount Omni Antenna
logo
Pulse A Technitrol Comp...
RO8063 PULSE-RO8063 Datasheet
1Mb / 3P
   Outdoor 3G Radome Omni 4 dBi Antenna
RO8061 PULSE-RO8061 Datasheet
1Mb / 3P
   Outdoor 3G Radome Omni 2 dBi Antenna
RO600NFKIT PULSE-RO600NFKIT Datasheet
774Kb / 7P
   Outdoor 5G/4G Radome Omni Dipole Antenna
W9922 PULSE-W9922 Datasheet
74Kb / 1P
   iDAS splitter bracket
logo
Cree, Inc
C460UT230-0101 CREE-C460UT230-0101 Datasheet
269Kb / 4P
   UltraThin LEDs
logo
Linx Technologies
ANT-2.4-OM-CM-01-N LINX-ANT-2.4-OM-CM-01-N Datasheet
281Kb / 1P
   Fiberglass radome construction
4-9-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com