전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PA2742NL 데이터시트(PDF) 4 Page - Pulse A Technitrol Company

부품명 PA2742NL
상세설명  SMT Common Mode Chokes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULSE [Pulse A Technitrol Company]
홈페이지  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA2742NL 데이터시트(HTML) 4 Page - Pulse A Technitrol Company

  PA2742NL Datasheet HTML 1Page - Pulse A Technitrol Company PA2742NL Datasheet HTML 2Page - Pulse A Technitrol Company PA2742NL Datasheet HTML 3Page - Pulse A Technitrol Company PA2742NL Datasheet HTML 4Page - Pulse A Technitrol Company PA2742NL Datasheet HTML 5Page - Pulse A Technitrol Company PA2742NL Datasheet HTML 6Page - Pulse A Technitrol Company PA2742NL Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P688.G (02/16)
4
pulseelectronics.com
SMT Common Mode Chokes
1.0A to 20.0A
Pulse Jack
E l e c t r o n i c s
PoleCat - PA2743NL, PA2744NL, PA2745NL, PA2746NL, PA2747NL , PA2748NL and PA3927NL
Schematic
Schematic
Please note that for PA2741NL and PA2742NL the part should be connected as follows:
Customer to connect pins (1,2) and (4,3) together on board to form a single winding (1,2-4,3).
Customer to connect pins (8,7) and (5,6) together on board to form a single winding (8,7-5,6)
All ratings (leakage and DCR) are with respect to the above winding configuration.
Mechanicals
Low Shasta - PA2741NL
High Shasta - PA2742NL
Polecat Dimensions
Part Number
A
B
X
Y
Z
PA2743NL
13.0
13.0
8.4
10.4
5.6
PA2744NL
13.0
13.0
8.4
10.4
5.6
PA2745NL
13.2
13.2
8.6
10.7
5.6
PA2746NL
13.2
13.2
8.6
10.7
5.6
PA2747NL
13.5
13.5
8.6
10.7
5.6
PA2748NL
12.7
13.2
8.4
10.4
5.6
PA3927NL
13.0
13.0
8.4
10.4
8.6
A
Schematic
B
X
Z
Y


유사한 부품 번호 - PA2742NL

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
PA2742NL PULSE-PA2742NL Datasheet
1Mb / 6P
   SMT Common Mode Chokes
PA2742NL PULSE-PA2742NL Datasheet
1Mb / 7P
   SMT Common Mode Chokes
More results

유사한 설명 - PA2742NL

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
P0353NLT PULSE-P0353NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
H604 PULSE-H604 Datasheet
523Kb / 3P
   SMT COMMON MODE CHOKES
P0502NL PULSE-P0502NL Datasheet
784Kb / 2P
   SMT Common Mode Chokes
PL8202NL PULSE-PL8202NL Datasheet
126Kb / 2P
   SMT COMMON MODE CHOKES
PL2477 PULSE-PL2477 Datasheet
460Kb / 2P
   SMT COMMON MODE CHOKES
logo
Allied Components Inter...
ACM0408CI ALLIED-ACM0408CI Datasheet
442Kb / 1P
   SMT COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
P0473T PULSE-P0473T Datasheet
129Kb / 2P
   SMT COMMON MODE CHOKES
P0351NLT PULSE-P0351NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
P0420T PULSE-P0420T Datasheet
129Kb / 2P
   SMT COMMON MODE CHOKES
P0473NLT PULSE-P0473NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
P0429NLT PULSE-P0429NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com