전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMU-0102-HF 데이터시트(PDF) 10 Page - Vishay Siliconix

부품명 MMU-0102-HF
상세설명  High Frequency Thin Film MELF Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU-0102-HF 데이터시트(HTML) 10 Page - Vishay Siliconix

Back Button MMU-0102-HF Datasheet HTML 3Page - Vishay Siliconix MMU-0102-HF Datasheet HTML 4Page - Vishay Siliconix MMU-0102-HF Datasheet HTML 5Page - Vishay Siliconix MMU-0102-HF Datasheet HTML 6Page - Vishay Siliconix MMU-0102-HF Datasheet HTML 7Page - Vishay Siliconix MMU-0102-HF Datasheet HTML 8Page - Vishay Siliconix MMU-0102-HF Datasheet HTML 9Page - Vishay Siliconix MMU-0102-HF Datasheet HTML 10Page - Vishay Siliconix MMU-0102-HF Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MMU 0102 HF, MMA 0204 HF, MMB 0207 HF
www.vishay.com
Vishay Beyschlag
Revision: 26-Oct-15
10
Document Number: 28718
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HISTORICAL 12NC INFORMATION
• The resistors had a 12-digit numeric code starting with
2312.
• The subsequent 4 digits indicated the resistor type,
specification and packaging; see the 12NC table.
• The remaining 4 digits indicated the resistance value:
- The first 3 digits indicated the resistance value.
- The last digit indicated the resistance decade in
accordance with the 12NC Indicating Resistance
Decade table.
Last Digit of 12NC Indicating Resistance Decade
Historical 12NC Example
The 12NC of a MMU 0102 HF resistor, value 50
 and
TCR 50 with ± 2 % tolerance, supplied in blister tape of
3000 units per reel was: 2312 168 0500 9.
RESISTANCE DECADE
LAST DIGIT
1
 to 9.99 
8
10
 to 99.9 
9
100
 to 999 
1
HISTORICAL 12NC - Resistor type and packaging
DESCRIPTION
2312 ... .....
BLISTER TAPE ON REEL
BULK CASE
TYPE
TCR
TOL.
B1
1000 UNITS
B2
2000 UNITS
BL
3000 UNITS
B7
7000 UNITS
B0
10000
UNITS
M3
3000 UNITS
M8
8000 UNITS
MMU 0102 HF ± 50 ppm/K ± 2 %
173 0....
-
168 0....
-
178 0....
-
063 0....
MMA 0204 HF ± 50 ppm/K ± 1 %
143 0....
-
158 0....
-
148 0....
043 0....
-
MMB 0207 HF ± 50 ppm/K ± 2 %
183 0....
198 0....
-
188 0....
-
-
-


유사한 부품 번호 - MMU-0102-HF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
MMU-0102-VG03 VISHAY-MMU-0102-VG03 Datasheet
183Kb / 8P
   MELF Resistors with Established Reliability
Revision: 21-May-12
More results

유사한 설명 - MMU-0102-HF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
MMU0102HF VISHAY-MMU0102HF Datasheet
150Kb / 11P
   High Frequency Thin Film MELF Resistors
Revision: 26-Oct-15
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
   Thin Film MELF Resistors
01-Jan-2022
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD WALSIN-WMXXD Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB_Q WALSIN-WMXXB_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD_Q WALSIN-WMXXD_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
WM07B WALSIN-WM07B Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com