전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M55342E06B10A0R 데이터시트(PDF) 2 Page - TT Electronics.

부품명 M55342E06B10A0R
상세설명  Precision Military and Space Qualified Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TTELEC [TT Electronics.]
홈페이지  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

M55342E06B10A0R 데이터시트(HTML) 2 Page - TT Electronics.

  M55342E06B10A0R Datasheet HTML 1Page - TT Electronics. M55342E06B10A0R Datasheet HTML 2Page - TT Electronics. M55342E06B10A0R Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Precision Military and Space
Qualified Chip Resistors
MIL-CHIP Series
MIL-CHIP Series Issue March 2011 Sheet 2 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Precision Military Qualified
Chip Resistors
L
a
W
H
b
TOP
SIDE
BOTTOM
L
W
H
a
b
0402
0.040″ ±0.002
0.021″ ±0.002
0.012″ ±0.003
0.008″ ±0.002
0.010″ ±0.002
0603
0.063″ ±0.004
0.031″ ±0.004
0.020″ ±0.004
0.012″ ±0.005
0.015″ ±0.005
0805
0.081″ ±0.005
0.050″ ±0.005
0.020″ ±0.006
0.016″ ±0.008
0.016″ ±0.008
1206
0.126″ ±0.006
0.063″ ±0.005
0.024″ ±0.004
0.016″ ±0.008
0.016″ ±0.008
Physical Data
Make Possible
02.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
MIL-CHIP Series Issue March 2011 Sheet 3 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Environmental Data
Environmental Test
MIL-PRF-55342
MIL-PRF-55342
Characteristic H
Typical IRC ∆R
Thermal Shock
Low Temperature Operation
Short-time Overload
High Temperature Exposure
Resistance to Solder
Moisture Resistance
Life
Precision Military Qualified
Chip Resistors
MIL-PRF-55342 Ordering Data
D55342
H
07
B
1E00
S
Military Designator
M55342 for styles RM0402, RM0603, RM0705(0805), D55342 for style RM1206
Characteristic
E, H, K and M per MIL-PRF-55342
Specification Number
06 for style RM0705(0805); 07 for style RM1206
11 for Style RM0402, 12 for style RM0603
Termination
Termination B per MIL-PRF-55342
Resistance and Tolerance
Resistance and tolerance code per MIL-PRF-55342
Product Level Designator
Product level C, M, P, R, S and T per MIL-PRF-55342
Packaging
Standard order packaging is 8mm or 12mm tape per EIA 481. Conductive waffle pack packaging is also available.
For additional information or to discuss your specific requirements, please contact our Applications team using the contact details below.


유사한 부품 번호 - M55342E06B10A0R

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
M55342E06B1C00RTSV VISHAY-M55342E06B1C00RTSV Datasheet
87Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-13
M55342E06B1C100CBSV VISHAY-M55342E06B1C100CBSV Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
M55342E06B1C100CT0V VISHAY-M55342E06B1C100CT0V Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
M55342E06B1C100CT1V VISHAY-M55342E06B1C100CT1V Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
M55342E06B1C100CWSV VISHAY-M55342E06B1C100CWSV Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
More results

유사한 설명 - M55342E06B10A0R

제조업체부품명데이터시트상세설명
logo
TT Electronics.
M55342E06B4B22R TTELEC-M55342E06B4B22R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
D55342E07B3B74R TTELEC-D55342E07B3B74R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B20B0R TTELEC-M55342E06B20B0R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
D55342E07B2B49R TTELEC-D55342E07B2B49R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B4B70R TTELEC-M55342E06B4B70R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
logo
IRC - a TT electronics ...
M55342E04B1E00C IRCTT-M55342E04B1E00C Datasheet
302Kb / 3P
   Precision Military Qualified Chip Resistors
logo
Vishay Siliconix
VMN-PT9192-1302 VISHAY-VMN-PT9192-1302 Datasheet
635Kb / 2P
   Automotive Qualified Professional and Precision Thin Film Chip Resistors
Revision 21-Jan-13
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
logo
Vishay Siliconix
RN55D5621F VISHAY-RN55D5621F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
RN55D2742F VISHAY-RN55D2742F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com