전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8S12 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SM8S12
상세설명  Surface Mount Automotive Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM8S12 데이터시트(HTML) 3 Page - Vishay Siliconix

  SM8S12 Datasheet HTML 1Page - Vishay Siliconix SM8S12 Datasheet HTML 2Page - Vishay Siliconix SM8S12 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SM8S Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88387
www.vishay.com
04-Jun-04
3
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
Power Derating Curve
0
2.0
4.0
6.0
8.0
0
50
100
150
200
Pulse Width (ms) – 1/2 IPP Exponential Waveform
1,000
10,000
10
100
Case Temperature (°C)
0
50
100
150
0
10
20
30
40
Time, ms (t)
Pulse Waveform
Reverse Power Capability
TA = 25°C
Pulse width (td) is defined as
the point where the peak
current decays to 50% of IPP
td
tr = 10µs
Peak Value IPP
Half Value –
IPP
2
Load Dump Power Characteristics
(10ms Exponential Waveform)
0
2,000
1,000
3,000
4,000
5,000
6,000
25
50
75
100
125
150
175
Case Temperature (°C)
0.01
110
100
10
1
100
0.01
0.1
t – Pulse Width (sec.)
0.1
RΘJA
RΘJC
Typical Transient Thermal Impedance


유사한 부품 번호 - SM8S12

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SM8S12 VISHAY-SM8S12 Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Shunye Enterprise
SM8S12 SHUNYE-SM8S12 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
SM8S12 VISHAY-SM8S12 Datasheet
97Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 20-Apr-11
logo
Shanghai Semitech Semic...
SM8S12 SEMITECH-SM8S12 Datasheet
204Kb / 4P
   Surface mount package
logo
Vishay Siliconix
SM8S12 VISHAY-SM8S12 Datasheet
98Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 14-Sep-11
More results

유사한 설명 - SM8S12

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Shunye Enterprise
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Changzhou Shunye Electr...
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shunye Enterprise
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com