전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UMH9NFHA 데이터시트(PDF) 1 Page - Rohm

부품명 UMH9NFHA
상세설명  General purpose (Dual digital transistors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

UMH9NFHA 데이터시트(HTML) 1 Page - Rohm

  UMH9NFHA Datasheet HTML 1Page - Rohm UMH9NFHA Datasheet HTML 2Page - Rohm UMH9NFHA Datasheet HTML 3Page - Rohm UMH9NFHA Datasheet HTML 4Page - Rohm UMH9NFHA Datasheet HTML 5Page - Rohm UMH9NFHA Datasheet HTML 6Page - Rohm UMH9NFHA Datasheet HTML 7Page - Rohm UMH9NFHA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UMH9N FHA
General purpose (Dual digital transistors)
Datasheet
AEC-Q101 Qualified
l
lOutline
Parameter
DTr1 and DTr2
SOT-363
 
VCC
50V
SC-88
 
 
IC(MAX.)
100mA
 
 
 
 
R1
10kΩ
 
 
R2
47kΩ
UMT6
 
                     
l
lFeatures
l
lInner circuit
1)Two DTC114Y chips in a UMT6 package.
2)Mounting possible with UMT3 automatic
  mounting machines.
3)Transistor elements are independent,
  eliminating interference.
4)Mounting cost and area can be cut in half.
l
lApplication
INVERTER, INTERFACE, DRIVER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
UMH9N FHA
SOT-363
(UMT6)
2021
TN
180
8
3000
H9
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/5
20161012 - Rev.001


유사한 부품 번호 - UMH9NFHA

제조업체부품명데이터시트상세설명
logo
Rohm
UMH9N ROHM-UMH9N Datasheet
73Kb / 4P
   General purpose (dual digital transistors)
logo
SeCoS Halbleitertechnol...
UMH9N SECOS-UMH9N Datasheet
433Kb / 2P
   NPN Multi-Chip Built-in Resistors Transistor
logo
Rohm
UMH9N ROHM-UMH9N Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
logo
Jiangsu Changjiang Elec...
UMH9N JIANGSU-UMH9N Datasheet
1Mb / 4P
   Dual Digital Transistors
logo
Rohm
UMH9N ROHM-UMH9N Datasheet
1Mb / 9P
   General purpose (dual digital transistors)
More results

유사한 설명 - UMH9NFHA

제조업체부품명데이터시트상세설명
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com