전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UMD3NFHA 데이터시트(PDF) 4 Page - Rohm

부품명 UMD3NFHA
상세설명  NPN PNP Complex Digital Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

UMD3NFHA 데이터시트(HTML) 4 Page - Rohm

  UMD3NFHA Datasheet HTML 1Page - Rohm UMD3NFHA Datasheet HTML 2Page - Rohm UMD3NFHA Datasheet HTML 3Page - Rohm UMD3NFHA Datasheet HTML 4Page - Rohm UMD3NFHA Datasheet HTML 5Page - Rohm UMD3NFHA Datasheet HTML 6Page - Rohm UMD3NFHA Datasheet HTML 7Page - Rohm UMD3NFHA Datasheet HTML 8Page - Rohm UMD3NFHA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMD3 / UMD3N / IMD3A
l
Electrical characteristic curves (Ta = 25°C) <For DTr1(NPN)>
l
Electrical characteristic curves (Ta = 25°C) <For DTr2(PNP)>
Fig.5 Output voltage vs. output current
OUTPUT CURRENT : IO [A]
Fig.6 Input voltage vs. output current
(ON characteristics)
OUTPUT CURRENT : IO [A]
Fig.7 Output current vs. input voltage
(OFF characteristics)
INPUT VOLTAGE : VI(off)[V]
4/8
2013.07 - Rev.E
EMD3FHA / UMD3NFHA / IMD3AFRA


유사한 부품 번호 - UMD3NFHA

제조업체부품명데이터시트상세설명
logo
Rohm
UMD3N ROHM-UMD3N Datasheet
83Kb / 4P
   General purpose (dual digital transistors)
UMD3N ROHM-UMD3N Datasheet
103Kb / 4P
   General purpose (Dual digital transistors)
logo
SeCoS Halbleitertechnol...
UMD3N SECOS-UMD3N Datasheet
384Kb / 2P
   Multi-Chip Digital Transistor
logo
Shenzhen Jin Yu Semicon...
UMD3N HTSEMI-UMD3N Datasheet
481Kb / 1P
   DUAL DIGITAL TRANSISTOR (NPN PNP)
logo
Jiangsu Changjiang Elec...
UMD3N JIANGSU-UMD3N Datasheet
1Mb / 5P
   DUAL DIGITAL TRANSISTOR
More results

유사한 설명 - UMD3NFHA

제조업체부품명데이터시트상세설명
logo
Rohm
EMD6T2R ROHM-EMD6T2R Datasheet
517Kb / 8P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMD9AT108 ROHM-IMD9AT108 Datasheet
591Kb / 9P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMD6NTR ROHM-UMD6NTR Datasheet
516Kb / 8P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMD4T2R ROHM-EMD4T2R Datasheet
563Kb / 8P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMB2NTN ROHM-UMB2NTN Datasheet
471Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
UMB10NTN ROHM-UMB10NTN Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
UMB4NTN ROHM-UMB4NTN Datasheet
447Kb / 7P
   PNP -100mA -50V Complex Digital Transistors
UMB11NTN ROHM-UMB11NTN Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
IMB10AFRA ROHM-IMB10AFRA Datasheet
1Mb / 10P
   PNP -100mA -50V Complex Digital Transistors
2012.06 - Rev.D
UMH9NTN ROHM-UMH9NTN Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com