전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AVCA406GQCR 데이터시트(PDF) 2 Page - Texas Instruments

부품명 SN74AVCA406GQCR
상세설명  MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCA406GQCR 데이터시트(HTML) 2 Page - Texas Instruments

  SN74AVCA406GQCR Datasheet HTML 1Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 2Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 3Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 4Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 5Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 6Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 7Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 8Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
SN74AVCA406
MMC, SD CARD, Memory StickE, SmartMedia, AND xDPicture CardE
+15kV ESDPROTECTED VOLTAGETRANSLATION TRANSCEIVER
SCES615B – OCTOBER 2004 – REVISED DECEMBER 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
terminal assignments
12
34
56
7
A
VCCA
2A
4DIR
2DIR
MODE1
10B1
VCCB0
B
10A1
3A
1A
1DIR
MODE0
9B1
1B
C
9A
10A2
3DIR
GND
2B
3B
D
9DIR
4A
56DIR
GND
4B
11B
12B
E
78DIR
6A
GND
CS0
GND
10B2
9B2
F
7A
8A
12A
13A
7B
5B
14B
G
VCCA
5A
11A
CS1
8B
6B
VCCB1
VCCA powers all A-port I/Os and control inputs.
VCCB0 powers 1B, 2B, 3B, 4B, 9B1, and 10B1.
VCCB1 powers 5B, 6B, 7B, 8B, 9B2, 10B2, 11B, 12B, and 14B.
device operation
The A port is designed to track VCCA. VCCA accepts any supply voltage from 1.4 V to 3.6 V. The B port is designed
to track VCCB0 and VCCB1. VCCB0 and VCCB1 can accept any supply voltage from 1.4 V to 3.6 V, however, VCCB0,
VCCB1, or both must be greater than or equal to VCCA during normal operation. If VCCB0 and VCCB1 are both at GND,
the A port is in the high-impedance state. The control pins are supplied by VCCA. The microprocessor is connected
to the A port, and the memory card(s) are connected to the B port. The device can be configured using MODE0,
MODE1, CS0, and CS1 pins to interface with 1-bit, 4-bit, or 8-bit memory cards. Outputs 12A and 14B are push-pull
and open drain (OD), respectively, except for NAND flash (XD) mode, where they are open drain and push-pull,
respectively.
Table 1. Interface With Different Memory Cards
MODE0
MODE1
MEMORY CARD INTERFACE
0
X
SD/SDIO/MMC/Memory Stick/Memory Stick PRO
1
0
8-bit MMC/4-bit + GPIO translation
1
1
SmartMedia/xD-Picture Card
GQC PACKAGE
(TOP VIEW)
G
F
E
D
C
B
A
2
13
4
6
5
7


유사한 부품 번호 - SN74AVCA406GQCR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVCA406GQCR TI-SN74AVCA406GQCR Datasheet
2Mb / 43P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406GQCR TI-SN74AVCA406GQCR Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406GQCR TI1-SN74AVCA406GQCR Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
More results

유사한 설명 - SN74AVCA406GQCR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVCA406 TI-SN74AVCA406_10 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406_07 Datasheet
2Mb / 43P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
AVCE6467T TI1-AVCE6467T Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com