전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM-BGA-9030 데이터시트(PDF) 5 Page - Ironwood Electronics.

부품명 SM-BGA-9030
상세설명  Easily removalbe swivel socket lid
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9030 데이터시트(HTML) 5 Page - Ironwood Electronics.

  SM-BGA-9030 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9030 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9030 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9030 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9030 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev
Date
Initials Description
A
05/22/13
SF Original
B
01/15/15
DH Changed IC guide material from Ultem to Torlon
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance ±10%, all
other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: REVISIONS
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 5/22/2013
Material:
Finish:
Weight:
SM-BGA-9030 Drawing
SCALE: 3:1
SHEET: 5 OF 5
ENG: S. Faiz
FILE: SM-BGA-9030 Dwg
DRAWN BY: S. Faiz
©2015 Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com


유사한 부품 번호 - SM-BGA-9030

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9033 IRONWOOD-SM-BGA-9033 Datasheet
521Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9035 IRONWOOD-SM-BGA-9035 Datasheet
407Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9036 IRONWOOD-SM-BGA-9036 Datasheet
465Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results

유사한 설명 - SM-BGA-9030

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SM-BGA-9050 IRONWOOD-SM-BGA-9050 Datasheet
459Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9046 IRONWOOD-SM-BGA-9046 Datasheet
455Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9055 IRONWOOD-SM-BGA-9055 Datasheet
504Kb / 5P
   Easily removalbe swivel socket lid
GT-BGA-2046 IRONWOOD-GT-BGA-2046 Datasheet
564Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9007 IRONWOOD-SM-BGA-9007 Datasheet
342Kb / 4P
   Easily removalbe swivel socket lid
SG-BGA-6376 IRONWOOD-SG-BGA-6376 Datasheet
357Kb / 4P
   Easily removable swivel socket lid
SG-BGA-6391 IRONWOOD-SG-BGA-6391 Datasheet
430Kb / 5P
   Easily removable swivel socket lid
SG-BGA-6423 IRONWOOD-SG-BGA-6423 Datasheet
225Kb / 4P
   Easily removable swivel socket lid
GT-BGA-2042 IRONWOOD-GT-BGA-2042 Datasheet
389Kb / 4P
   Easily removable swivel socket lid
GT-QFN-3001 IRONWOOD-GT-QFN-3001 Datasheet
353Kb / 4P
   Easily removable swivel socket lid
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com