전자부품 데이터시트 검색엔진 |
|
ES5C 데이터시트(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
ES5C 데이터시트(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
1 / 2 page 25 150 150 5.0 ES5J ES5G ES5E ES5D ES5C ES5B ES5A ES5A THRU ES5J YFW Catalog SURFACE MOUNT SUPER FAST RECTIFIER Reverse Voltage - 50 to 600 Volts Forward Current - 3.0 Amperes Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A 2.Measured at 1MHz and applied reverse voltage of 4.0V D.C. 3.P.C.B. mounted with 0.2x0.2 ”(5.0x5.0mm) copper pad areas MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS VOLTS VOLTS VOLTS SYMBOLS UNITS Amps Amps Volts VRRM VRMS VDC I(AV) IFSM VF 0.95 Operating junction and storage temperature range Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TL=75 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 3.0A Maximum DC reverse current TA=25 C at rated DC blocking voltage TA=100 C IR 5.0 R θJA CJ TJ,TSTG 47.0 -50 to +150 pF C A µ Typical thermal resistance (NOTE 3) C/W Typical junction capacitance (NOTE 2) Maximum reverse recovery time (NOTE 1) trr 35 ns Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%. 50 35 50 100 70 100 150 105 150 400 280 400 600 420 600 200 140 200 300 210 300 1.25 Dimensions in inches and (millimeters) Case : JEDEC DO-214AB molded plastic body over passivated chip Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Color band denotes cathode end Mounting Position : Any Weight :0.007 ounce, 0.25grams The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 For surface mounted applications Low reverse leakage Built-in strain relief,ideal for automated placement High forward surge current capability High temperature soldering guaranteed: 250 C/10 seconds at terminals FEATURES MECHANICAL DATA 0.280(7.11) 0.260(6.60) 0.245(6.22) 0.220(5.59) DO-214AB/SMC 0.126 (3.20) 0.114 (2.90) 0.060(1.52) 0.030(0.76) 0.320(8.13) 0.305(7.75) 0.012(0.305) 0.006(0.152) 0.008(0.203)MAX. 0.103(2.62) 0.079(2.06) Glass passivated chip junction 1.7 Number www.yfwdiode.com |
유사한 부품 번호 - ES5C |
|
유사한 설명 - ES5C |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |