전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBL404 데이터시트(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

부품명 KBL404
상세설명  SINGLE-PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
홈페이지  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

KBL404 데이터시트(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  KBL404 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD KBL404 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBL4005 THRU KBL410
SINGLE-PHASE SILICON BRIDGE RECTIFIER
REVERSE VOLTAGE:
50 to 1000 VOLTS
FORWARD CURRENT:
4.0 AMPERE
FEATURES
· Reliable low cost construction utilizing molded
KBL
plastic technique
· Ideal for printed circuit board
· Low forward voltage drop
· Low reverse leakage current
· High surge current capability
MECHANICAL DATA
Case: Molded plastic, KBL
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-STD-202,
method 208 guaranteed
Mounting position: Any
Weight: 0.2ounce, 5.6gram
Maximum Ratings and Electrical Characteristics
Ratings at 25ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols KBL4005 KBL401
KBL402
KBL404
KBL406
KBL408
KBL410
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at T A=50℃
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage
at 4.0A DC and 25℃
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=100℃
Typical Junction Capacitance (Note 1)
CJ
pF
Typical Thermal Resistance (Note 2)
RθJA
/W
Typical Thermal Resistance (Note 3)
RθJL
/W
Operating and Storage Temperature Range
TJ,Tstg
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal resistance from junction to ambient with units mounted on 3.0 x 3.0 x 0.11” thick (7.5 x 7.5 x 0.3cm) Al. plate
3- Thermal resistance from junction to lead with units mounted on P.C.B. at 0.375" (9.5mm) lead length and 0.5 x 0.5" (12 x 12mm) copper pads
-55 to +125
10.0
500
40
19
2.4
Dimensions in inches and (millimeters)
I(AV)
IFSM
VF
4.0
200
IR
Amp
Amp
Volts
uAmp
1.1
www.yfwdiode.com


유사한 부품 번호 - KBL404

제조업체부품명데이터시트상세설명
logo
Surge Components
KBL404 SURGE-KBL404 Datasheet
115Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
KBL404 BILIN-KBL404 Datasheet
137Kb / 3P
   Silicon Bridge Rectifiers
logo
Bytesonic Electronics C...
KBL404 BYTESONIC-KBL404 Datasheet
357Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBL404 TSC-KBL404 Datasheet
258Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
Kwang Myoung I.S. CO.,L...
KBL404 KISEMICONDUCTOR-KBL404 Datasheet
74Kb / 2P
   4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

유사한 설명 - KBL404

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Wing Shing Computer Com...
KBPC6005 WINGS-KBPC6005 Datasheet
283Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC15005 WINGS-KBPC15005 Datasheet
225Kb / 2P
   SINGLE - PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
TS4B05G PFS-TS4B05G Datasheet
316Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Continental Device Indi...
KBPC8005 CDIL-KBPC8005 Datasheet
183Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBU8A GENESIC-KBU8A Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
KBU1006 GENESIC-KBU1006 Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com