전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK14CA8-WF45I 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 STK14CA8-WF45I
상세설명  128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

STK14CA8-WF45I 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button STK14CA8-WF45I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14CA8-WF45I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14CA8-WF45I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14CA8-WF45I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14CA8-WF45I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14CA8-WF45I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14CA8-WF45I Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14CA8-WF45I Datasheet HTML 10Page - List of Unclassifed Manufacturers STK14CA8-WF45I Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STK14CA8
December 2004
Document Control #ML0022 rev 1.0
7
MODE SELECTION
E
W
G
A15 - A0
MODE
I/O
POWER
NOTES
H
X
X
X
Not Selected
Output High Z
Standby
L
H
L
X
Read SRAM
Output Data
Active
L
L
X
X
Write SRAM
Input Data
Active
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8B45
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Autostore Disable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active
i
, j, k
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4B46
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Autostore Enable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active
i
, j, k
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile Store
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
ICC2
i
, j, k
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile Recall
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
i
, j, k
Notes
i: The six consecutive addresses must be in the order listed. W
must be high during all six consecutive cycles to enable a nonvolatile cycle.
j: While there are 17 addresses on the STK14CA8, only the lower 16 are used to control software modes
k: I/O state depends on the state of G . The I/O table shown assumes G
low.


유사한 부품 번호 - STK14CA8-WF45I

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK14CA8-NF25 SIMTEK-STK14CA8-NF25 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-NF25 SIMTEK-STK14CA8-NF25 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8-NF25 CYPRESS-STK14CA8-NF25 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14CA8-NF25I SIMTEK-STK14CA8-NF25I Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-NF25I SIMTEK-STK14CA8-NF25I Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
More results

유사한 설명 - STK14CA8-WF45I

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com