전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP05DA48D05W 데이터시트(PDF) 2 Page - Toppower Electronic Technology Limited

부품명 TP05DA48D05W
상세설명  5W Wide Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOPPOWER [Toppower Electronic Technology Limited]
홈페이지  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP05DA48D05W 데이터시트(HTML) 2 Page - Toppower Electronic Technology Limited

  TP05DA48D05W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP05DA48D05W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP05DA48D05W Datasheet HTML 3Page - Toppower Electronic Technology Limited TP05DA48D05W Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TP05DA Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 2 of 4
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
GENERAL CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Isolation voltage
Input to Output
500
2000
VDC
Isolation resistance
Input to Output
100M
ohm
Seismic
10~55Hz
5
G
MTBF
MIL-HDBK-217F2
5 x 10
5
hrs
Over-current protection mode
Full input range
Auto recovery
Cooling
Free air convection
Case material
Metal case
OUTPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Voltage accuracy
Io=0.1
…1.0 x Ionom Vi=Vi rated
±1
%
Line regulation
Vimin≤Vi≤Vimax
±0.2
%
Load regulation
Io=0.1 1.0 x Ionom
Vimin≤ Vi≤Vimax
±0.5
%
Auxiliary voltage accuracy
Main Load and auxiliary load differ 25%,the auxiliary
circuit of the load with at least 25%, the main circuit
with full load
±3
%
Ripple and noise
20MHz bandwidth
±1
%
Over-current protection
Vimin≤Vi≤Vimax
120
%
Transient recovery time
25% load change
±5
%
Transient overshoot range
25% load change
400
us
Switch frequency
Vimin≤Vi≤Vimax
300
KHz
INPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Startup voltage
12V Input module(9V -18V)
8.8
9
9.3
VDC
Startup voltage
24V Input module(18V-36V)
18
VDC
Startup voltage
48V Input module(36V-72V )
36
VDC
Startup voltage
24V Input module(9V -36V)
8.8
9
9.3
VDC
Startup voltage
48V Input module(18V-72V)
18
VDC
Start rising time
Input rising time from 5%-100%
20
ms
ENVIRONMENT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Environment temperature
industrial-class
-40
+85
Maximum case temperature
industrial-class
+85
Storage temperature
Industry-class/ Military JI&JII class
-40
+105
Relative humidity
No condensation
5
90
RH(%
Temperature coefficient
±0.02
%/℃
Case temperature under shall not exceed the maximum case temperature level.


유사한 부품 번호 - TP05DA48D05W

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TP05DA48D05W TOPPOWER-TP05DA48D05W Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converter
TP05DA48D05W TOPPOWER-TP05DA48D05W Datasheet
202Kb / 4P
   5W Wide Input Voltage DC/DC Converters
TP05DA48D05W TOPPOWER-TP05DA48D05W Datasheet
742Kb / 4P
   5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP05DA48D05W TOPPOWER-TP05DA48D05W Datasheet
713Kb / 4P
   5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
More results

유사한 설명 - TP05DA48D05W

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TP05DA-3KVDC TOPPOWER-TP05DA-3KVDC Datasheet
202Kb / 4P
   5W Wide Input Voltage DC/DC Converters
TP05DB TOPPOWER-TP05DB Datasheet
196Kb / 4P
   5W Wide Voltage Input DC/DC Converters
TP05DB TOPPOWER-TP05DB_V01 Datasheet
725Kb / 4P
   5W 1.5KVDC Isolated Wide Voltage Input DC/DC Converters
TP05DA TOPPOWER-TP05DA_19 Datasheet
742Kb / 4P
   5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP05DA TOPPOWER-TP05DA_V01 Datasheet
713Kb / 4P
   5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP05DA TOPPOWER-TP05DA Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converter
logo
List of Unclassifed Man...
A05D12 ETC1-A05D12 Datasheet
37Kb / 2P
   INPUT 5W DC/DC CONVERTERS
logo
MicroPower Direct, LLC
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP05AL TOPPOWER-TP05AL Datasheet
214Kb / 4P
   5W 3KVAC Isolation Wide Input AC/DC Converters
TP05AC TOPPOWER-TP05AC_19 Datasheet
1Mb / 3P
   5W 4KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com