전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2046IGQCR 데이터시트(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
부품명 TSC2046IGQCR
상세설명  Low Voltage I/O TOUCH SCREEN CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2046IGQCR 데이터시트(HTML) 1 Page - Burr-Brown (TI)

  TSC2046IGQCR Datasheet HTML 1Page - Burr-Brown (TI) TSC2046IGQCR Datasheet HTML 2Page - Burr-Brown (TI) TSC2046IGQCR Datasheet HTML 3Page - Burr-Brown (TI) TSC2046IGQCR Datasheet HTML 4Page - Burr-Brown (TI) TSC2046IGQCR Datasheet HTML 5Page - Burr-Brown (TI) TSC2046IGQCR Datasheet HTML 6Page - Burr-Brown (TI) TSC2046IGQCR Datasheet HTML 7Page - Burr-Brown (TI) TSC2046IGQCR Datasheet HTML 8Page - Burr-Brown (TI) TSC2046IGQCR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
FEATURES
SAME PINOUT AS ADS7846
2.2V TO 5.25V OPERATION
1.5V TO 5.25V DIGITAL I/O
INTERNAL 2.5V REFERENCE
DIRECT BATTERY MEASUREMENT (0V to 6V)
ON-CHIP TEMPERATURE MEASUREMENT
TOUCH-PRESSURE MEASUREMENT
QSPITM AND SPITM 3-WIRE INTERFACE
AUTO POWER-DOWN
AVAILABLE IN TSSOP-16, QFN-16, AND
VFBGA-48 PACKAGES
APPLICATIONS
PERSONAL DIGITAL ASSISTANTS
PORTABLE INSTRUMENTS
POINT-OF-SALE TERMINALS
PAGERS
TOUCH SCREEN MONITORS
CELLULAR PHONES
Low Voltage I/O
TOUCH SCREEN CONTROLLER
DESCRIPTION
The TSC2046 is a next-generation version to the ADS7846
4-wire touch screen controller which supports a low-voltage
I/O interface from 1.5V to 5.25V. The TSC2046 is 100% pin-
compatible with the existing ADS7846, and will drop into the
same socket. This allows for easy upgrade of current appli-
cations to the new version. The TSC2046 also has an on-
chip 2.5V reference that can be used for the auxiliary input,
battery monitor, and temperature measurement modes. The
reference can also be powered down when not used to
conserve power. The internal reference operates down to
2.7V supply voltage, while monitoring the battery voltage
from 0V to 6V.
The low-power consumption of < 0.75mW typ at 2.7V (refer-
ence off), high-speed (up to 125kHz sample rate), and on-
chip drivers make the TSC2046 an ideal choice for battery-
operated systems such as personal digital assistants (PDAs)
with resistive touch screens, pagers, cellular phones, and
other portable equipment. The TSC2046 is available in
TSSOP-16, QFN-16, and VFBGA-48 packages and is speci-
fied over the –40°C to +85°C temperature range.
CDAC
Internal 2.5V
Reference
SAR
TSC2046
Comparator
6-Channel
MUX
Serial
Data
In/Out
Temperature
Sensor
Pen
Detect
Battery
Monitor
DOUT
BUSY
CS
DCLK
DIN
VBAT
AUX
V
REF
+V
CC
IOVDD
X+
X–
Y+
Y–
PENIRQ
TSC2046
SBAS265C – OCTOBER 2002 – REVISED JULY 2004
www.ti.com
Copyright © 2002-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
US Patent No. 6246394
QSPI and SPI are registered trademarks of Motorola.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
®
TSC2
046
®
TSC2
046
®
TSC2
046


유사한 부품 번호 - TSC2046IGQCR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2046IGQCR TI1-TSC2046IGQCR Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046IGQCR-90 TI1-TSC2046IGQCR-90 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
More results

유사한 설명 - TSC2046IGQCR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
AiT Semiconductor Inc.
A8946 AITSEMI-A8946 Datasheet
753Kb / 24P
   TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE
REV1.3
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com