전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSB43CB43AIGGW 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TSB43CB43AIGGW
상세설명  TI iceLynx-Micro??IEEE 1394a-2000 Consumer Electronics Solution
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TSB43CB43AIGGW 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TSB43CB43AIGGW Datasheet HTML 7Page - Texas Instruments TSB43CB43AIGGW Datasheet HTML 8Page - Texas Instruments TSB43CB43AIGGW Datasheet HTML 9Page - Texas Instruments TSB43CB43AIGGW Datasheet HTML 10Page - Texas Instruments TSB43CB43AIGGW Datasheet HTML 11Page - Texas Instruments TSB43CB43AIGGW Datasheet HTML 12Page - Texas Instruments TSB43CB43AIGGW Datasheet HTML 13Page - Texas Instruments TSB43CB43AIGGW Datasheet HTML 14Page - Texas Instruments TSB43CB43AIGGW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
TSB43Cx43A/
TI iceLynx-Micro™ IEEE 1394a-2000
TSB43CA42
Consumer Electronics Solution
TEXAS INSTRUMENTS
SLLS546F – March 2004 – Revised September 2004
PRODUCTION DATA information is current as of public
date. Products conform to specifications per the terms of
Texas Instruments standard warranty. Production processing
does not necessarily include testing of all parameters.
TEXAS
INSTRUMENTS
Copyright
 2004, Texas Instruments Incorporated
MARCH 12, 2004
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
11
1.3
Block Diagram
1.3.1
TSB43Cx43A Block Diagram
Figure 2. TSB43Cx43 System Block Diagram
Note: The M6 Cipher is only included in the TSB43CA43.
MPEG2 DVB
MPEG2 DSS
DIGITAL VIDEO (DV)
PCM-AUDIO
IEC60958 (S/PDIF)
OR
OR
OR
OR
HSDI 0
ISO
PORT
8
8
8
ISO
HSDI 0
FIFO
4KB
MPEG2 DVB
MPEG2 DSS
DIGITAL VIDEO (DV)
SUPER AUDIO CD
IEC60958 (S/PDIF)
PCM-AUDIO
OR
OR
OR
OR
OR
8
8
8
ISO
HSDI 1
FIFO
4KB
M6
CIPHER
H / W
AKE
L
E
B
256KB RAM
PROGRAM
MEMORY
AND
COMM
MEMORY
SHARED RAM
1KB
1KB
CONFIGURATION REGISTERS (CFRs)
JTAG
PORT
TIMER 0
WDOG /
TIMER 2
TIMER 1
1394a-2000
LINK LAYER
CORE
PACKETIZER
ARM7TDMI
RISC
CORE
UART
EXT.
MCU
I/F
16
10
20
DATA
ADDRESS
CONTROL
1394a-2000
S400
3-PORT
PHY CORE
CFRs
1394
BUS
ARM
DEBUGGER
MONITOR
CFRs
11
GP I/O
AUDIO
RX
SYT PLL
ASYNC
TX 0 FIFO
2KB
ASYNC
TX 1 FIFO
2KB
ASYNC
RX 0 FIFO
2KB
ASYNC
RX 1 FIFO
2KB
BCAST
RX
FIFO
512 B
M6
CIPHER
HSDI 1
ISO
PORT
† LEB is an acronym for local encryption block (Note: only included in the TSB43CA43)


유사한 부품 번호 - TSB43CB43AIGGW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB43CB43APGF TI1-TSB43CB43APGF Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43CB43APGFG4 TI1-TSB43CB43APGFG4 Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
More results

유사한 설명 - TSB43CB43AIGGW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB43CA43A TI1-TSB43CA43A Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43EA42 TI-TSB43EA42 Datasheet
206Kb / 13P
[Old version datasheet]   TI IEEE 1394a-2000 Consumer Electronics Solution
TSB43DA42 TI-TSB43DA42_08 Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI-TSB43DA42 Datasheet
200Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X_15 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI1-TSB43DA42_14 Datasheet
777Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X Datasheet
173Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com