전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2046IRGVT 데이터시트(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 TSC2046IRGVT
상세설명  Low Voltage I/O TOUCH SCREEN CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2046IRGVT 데이터시트(HTML) 10 Page - Burr-Brown (TI)

Back Button TSC2046IRGVT Datasheet HTML 6Page - Burr-Brown (TI) TSC2046IRGVT Datasheet HTML 7Page - Burr-Brown (TI) TSC2046IRGVT Datasheet HTML 8Page - Burr-Brown (TI) TSC2046IRGVT Datasheet HTML 9Page - Burr-Brown (TI) TSC2046IRGVT Datasheet HTML 10Page - Burr-Brown (TI) TSC2046IRGVT Datasheet HTML 11Page - Burr-Brown (TI) TSC2046IRGVT Datasheet HTML 12Page - Burr-Brown (TI) TSC2046IRGVT Datasheet HTML 13Page - Burr-Brown (TI) TSC2046IRGVT Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TSC2046
10
SBAS265C
www.ti.com
FIGURE 4. Simplified Diagram of Single-Ended Reference
(SER/DFR high, Y switches enabled, X+ is ana-
log input).
FIGURE 5. Simplified Diagram of Differential Reference
(SER/DFR low, Y switches enabled, X+ is
analog input).
Converter
+IN
+REF
Y+
+V
CC
X+
Y–
GND
–REF
–IN
Converter
+IN
+REF
Y+
+V
CC
V
REF
X+
Y–
GND
–REF
–IN
INTERNAL REFERENCE
The TSC2046 has an internal 2.5V voltage reference that can
be turned on or off with the control bit, PD1 (see Table V and
Figure 3). Typically, the internal reference voltage is only used
in the single-ended mode for battery monitoring, temperature
measurement, and for using the auxiliary input. Optimal touch
screen performance is achieved when using the differential
mode. The internal reference voltage of the TSC2046 must be
commanded to be off to maintain compatibility with the
ADS7843. Therefore, after power-up, a write of PD1 = 0 is
required to insure the reference is off (see the Typical Char-
acteristics for power-up time of the reference from power-
down).
REFERENCE INPUT
The voltage difference between +REF and –REF (see Figure 2)
sets the analog input range. The TSC2046 operates with a
reference in the range of 1V to +VCC. There are several critical
items concerning the reference input and its wide voltage range.
As the reference voltage is reduced, the analog voltage weight
of each digital output code is also reduced. This is often referred
to as the LSB (least significant bit) size and is equal to the
reference voltage divided by 4096 in 12-bit mode. Any offset or
gain error inherent in the ADC appears to increase, in terms of
LSB size, as the reference voltage is reduced. For example, if
the offset of a given converter is 2LSBs with a 2.5V reference,
it is typically 5LSBs with a 1V reference. In each case, the
actual offset of the device is the same, 1.22mV. With a lower
reference voltage, more care must be taken to provide a clean
layout including adequate bypassing, a clean (low-noise, low-
ripple) power supply, a low-noise reference (if an external
reference is used), and a low-noise input signal.
The voltage into the VREF input directly drives the capacitor
digital-to-analog converter (CDAC) portion of the TSC2046.
Therefore, the input current is very low (typically < 13µA).
There is also a critical item regarding the reference when
making measurements while the switch drivers are ON. For this
discussion, it is useful to consider the basic operation of the
TSC2046, (see Figure 1). This particular application shows
the device being used to digitize a resistive touch screen. A
measurement of the current Y-Position of the pointing device
Buffer
Band
Gap
Reference
Power-Down
To
CDAC
Optional
V
REF
FIGURE 3. Simplified Diagram of the Internal Reference.
is made by connecting the X+ input to the ADC, turning on the
Y+ and Y– drivers, and digitizing the voltage on X+ (Figure 4
shows a block diagram). For this measurement, the resistance
in the X+ lead does not affect the conversion (it does affect the
settling time, but the resistance is usually small enough that
this is not a concern). However, since the resistance between
Y+ and Y– is fairly low, the on-resistance of the Y drivers does
make a small difference. Under the situation outlined so far, it
is not possible to achieve a 0V input or a full-scale input
regardless of where the pointing device is on the touch screen
because some voltage is lost across the internal switches. In
addition, the internal switch resistance is unlikely to track the
resistance of the touch screen, providing an additional source
of error.
This situation can be remedied as shown in Figure 5. By setting
the SER/DFR bit low, the +REF and –REF inputs are connected
directly to Y+ and Y–, respectively, which makes the analog-to-
digital conversion ratiometric. The result of the conversion is


유사한 부품 번호 - TSC2046IRGVT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2046IRGVT TI1-TSC2046IRGVT Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
More results

유사한 설명 - TSC2046IRGVT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
AiT Semiconductor Inc.
A8946 AITSEMI-A8946 Datasheet
753Kb / 24P
   TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE
REV1.3
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com