전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM-BGA-9049 데이터시트(PDF) 1 Page - Ironwood Electronics.

부품명 SM-BGA-9049
상세설명  Low and stable contact resistance for reliable production yield
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9049 데이터시트(HTML) 1 Page - Ironwood Electronics.

  SM-BGA-9049 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9049 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9049 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9049 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9049 Datasheet HTML 5Page - Ironwood Electronics. SM-BGA-9049 Datasheet HTML 6Page - Ironwood Electronics. SM-BGA-9049 Datasheet HTML 7Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
36
39.500 Socket Base
4.850
9.950
51.450
11.500
63.500
16.450
2.500
1
2.550
28
4.500 hole
Pin A1 corner
Recommended torque
= 9-11 in lbs
17.450
4.800
A
4.500 hole
DETAIL A
SCALE 10 : 1
SM-BGA DIRECT MOUNT, SOLDERLESS SOCKET FOR BURN-IN AND
TEST APPLICATION
Features
Wide temperature range (-55C to +150C).
Current capability is 4A per pin at 14C temperature rise.
Over 40GHz bandwidth @-1dB for edge pins
Low and stable contact resistance for reliable production yield.
Self inductance under 0.21nH.
Easily removable swivel socket lid
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: SM POP 0.5mm BGA168/0.4mm BGA550 double socket
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 8/14/2014
Material: Material <not specified>
Finish:
Weight: 91.16
SM-BGA-9049 Drawing
SCALE: 1.25:1
SHEET: 1 OF 7
ENG: S. Huang
FILE: SM-BGA-9049 Dwg
DRAWN BY: M. Raske


유사한 부품 번호 - SM-BGA-9049

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SM-BGA-9041 IRONWOOD-SM-BGA-9041 Datasheet
416Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9042 IRONWOOD-SM-BGA-9042 Datasheet
670Kb / 6P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9043 IRONWOOD-SM-BGA-9043 Datasheet
412Kb / 4P
   Direct mounts to target PCB with hardware
SM-BGA-9044 IRONWOOD-SM-BGA-9044 Datasheet
499Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

유사한 설명 - SM-BGA-9049

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com